Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTNC210604MD-V2-R5 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PTNC210604MD-V2-R5
Description  Wideband LDMOS Two-stage Integrated Power Amplifier 20 W 40 W, 28 V, 1805 – 2200 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTNC210604MD-V2-R5 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PTNC210604MD-V2-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PTNC210604MD
5
Rev. 03.5, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Load Pull Performance
Main Side Load Pull Performance – Pulsed CW signal: 1 ms, 10% duty cycle, 28 V, I
DQ =63 mA, 150 mA
Peak Side Load Pull Performance – Pulsed CW signal: 1 ms, 10% duty cycle, 28 V, I
DQ = 40 mA, VGS2P = 2.6 V
P
1dB
Max Output Power
Max PAE
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
3dB [W]
PAE [%]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
PAE [%]
1805
50+j0.00
10.1-j12.9
31.6
43.8
24.0
51.4
22.1-j13.9
32.8
42.2
16.5
58.4
1880
50+j0.00
9.5-j11.9
31.6
43.8
24.3
51.5
19.9-j5.9
32.8
42.1
16.2
58.9
1930
50+j0.00
9.5-j12.2
31.5
43.9
24.8
53.0
18.8-j5.6
32.7
42.1
16.2
59.0
1995
50+j0.00
8.9-j12.6
31.3
44.0
25.1
52.3
15.1-j5.6
32.5
42.4
17.6
59.2
2110
50+j0.00
7.8-j12.8
31.0
44.1
25.9
51.7
10.2-j7.4
32.2
43.2
20.7
59.7
2200
50+j0.00
7.1-j11.9
31.2
44.2
26.0
52.8
8.4-j7.4
32.4
43.1
20.6
60.0
P
3dB
Max Output Power
Max PAE
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
PAE [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
PAE [%]
1805
50+j0.00
9.4-j13.6
29.4
44.8
29.9
53.0
20.1-j12.4
30.7
43.3
21.6
60.2
1880
50+j0.00
9.2-j12.3
29.5
44.7
29.5
52.8
18.4-j8.9
30.7
43.3
21.4
60.1
1930
50+j0.00
8.8-j13.3
29.3
44.8
30.2
52.5
16.1-j7.4
30.6
43.4
22.0
59.9
1995
50+j0.00
8.5-j13.5
29.1
44.8
30.3
52.0
13.9-j6.1
30.5
43.4
21.7
59.9
2110
50+j0.00
7.6-j13.2
28.9
44.9
30.9
51.6
10.2-j6.5
30.3
43.6
22.8
59.5
2200
50+j0.00
6.9-j12.6
29.0
44.9
30.8
51.7
7.9-j6.5
30.5
43.4
22.1
59.5
P
1dB
Max Output Power
Max PAE
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
3dB [W]
PAE [%]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
PAE [%]
1805
50+j0.00
3.4-j10.1
26.3
47.7
58.5
52.5
6.2-j8.4
26.9
46.6
45.7
62.0
1880
50+j0.00
3.2-j10.5
26.3
47.6
58.1
51.7
5.2-j8.1
26.9
46.4
43.9
60.6
1930
50+j0.00
3.0-j10.7
26.2
47.6
57.5
50.7
5.0-j8.6
26.8
46.5
44.5
60.0
1995
50+j0.00
3.1-j10.9
26.4
47.5
56.8
51.6
4.8-j8.5
26.8
46.3
42.6
59.0
2110
50+j0.00
2.6-j10.3
26.4
47.5
56.4
50.3
3.2-j8.4
27.0
46.4
43.5
58.6
2200
50+j0.00
2.5-j10.0
26.4
47.4
54.5
52.0
2.7-j8.4
26.9
46.3
43.0
59.2
P
3dB
Max Output Power
Max PAE
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
PAE [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
PAE [%]
1805
50+j0.00
3.5-j10.2
24.3
48.2
66.6
52.4
6.2-j8.3
24.9
47.2
52.3
60.4
1880
50+j0.00
3.3-j10.6
24.3
48.2
65.7
51.2
5.2-j8.5
24.9
47.2
52.1
58.9
1930
50+j0.00
3.0-j11.0
24.1
48.1
64.8
49.3
4.8-j8.6
24.8
47.2
52.0
57.9
1995
50+j0.00
2.9-j10.9
24.3
48.1
64.1
49.3
4.7-j8.8
24.8
47.1
50.8
56.5
2110
50+j0.00
2.7-j10.4
24.4
48.0
63.1
49.8
3.3-j8.6
25.0
47.1
51.7
56.4
2200
50+j0.00
2.5-j10.1
24.3
47.8
60.5
51.3
2.7-j8.6
24.9
47.0
50.2
57.1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com