Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTNC210604MD-V2-R5 Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # PTNC210604MD-V2-R5
Description  Wideband LDMOS Two-stage Integrated Power Amplifier 20 W 40 W, 28 V, 1805 – 2200 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTNC210604MD-V2-R5 Datasheet(HTML) 7 Page - WOLFSPEED, INC.

  PTNC210604MD-V2-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PTNC210604MD
7
Rev. 03.5, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Components Information
Component
Description
Manufacturer
P/N
C101, C103, C105, C107, C109, C111,
C202, C206
Capacitor, 4.7 µF
Murata Electronics North America
GRM32ER71H475KA88L
C102, C104, C106, C108, C110, C112,
C203, C207
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C201, C205
Capacitor, 10 pF
ATC
ATC800A100JT250T
C204
Capacitor, 1.8 pF
ATC
ATC600F1R8BT250XT
C208
Capacitor, 2.0 pF
ATC
ATC600F2R0BT250XT
C209
Capacitor, 2.7 pF
ATC
ATC600F2R7BT250XT
C210, C211
Capacitor, 8.2 pF
ATC
ATC600F8R2BT250XT
R101, R103
Resistor, 0 ohms
Panasonic Electronic Components
ERJ-3GEY0R00V
R102
Resistor, 50 ohms
Anaren
C16A50Z4
R104, R105, R106, R107
Resistor, 1K ohms
Panasonic Electronic Components
ERJ-8GEYJ102V
R108, R109, R110, R111
Resistor, 4.3K ohms
Panasonic Electronic Components
ERJ-8GEYJ432V
U1
Hybrid Coupler
Anaren
X3C21P1-04S
VD2/RFOUT B
VD1 A
VG2 A
VG1 A
RFIN A
N/C
N/C
N/C
N/C
RFIN B
VG1 B
VG2 B
VD1B
VD2/RFOUT A
1
2
3
4
5
6
7
8
9
10
11
12
14
13
p t m c 2102 04m d _P D _5- 2- 2016
Source: plated copper heat slug on
backside of package
Lead connections for PTNC210604MD
Pinout Diagram (top view)
Evaluation Board, 2100 – 2200 MHz (cont.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com