Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTRA087008NB-V1-R2 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PTRA087008NB-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 650 W, 48 V, 755805 MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA087008NB-V1-R2 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PTRA087008NB-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev. 03.4, 2022-02-13
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
PTRA087008NB
Package Types: PG-HB2SOF-6-1
Features
• Broadband internal input and output matching
• Asymmetric design
- Main: P
1dB = 245 W Typ
- Peak: P
1dB = 380 W Typ
• Typical pulsed CW performance, 805 MHz, 48 V,
Doherty configuration
- Output power at P
3dB = 650 W
- Efficiency = 52%
- Gain = 19.5 dB
• Capable of handling 10:1 VSWR @48 V, 30 W
(WCDMA) output power
• Human Body Model Class 2 (per ANSI/ESDA/JEDEC
JS-001)
• Integrated ESD protection
• Low thermal resistance
• RoHS-compliant
Thermally-Enhanced High Power RF LDMOS FET
650 W, 48 V, 755 – 805 MHz
Description
The PTRA087008NB is a 650-watt LDMOS FET. It is designed for use in multi-
standard cellular power amplifier applications from 755 MHz to 805 MHz.
Manufactured with Wolfspeed’s advanced LDMOS process, this device provides
excellent thermal performance and superior reliability.
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed Doherty test fixture)
V
DD = 48 V, IDQ = 510 mA, POUT = 107 W avg, VGS(PEAK) = 2.4 V, ƒ = 805 MHz, 3GPP, channel bandwidth = 3.84 MHz,
peak/average = 10 dB @ 0.01% CCDF
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Gain
G
ps
17.5
18.5
dB
Drain Efficiency
h
D
48.5
52
%
Adjacent Channel Power Ratio
ACPR
–31
–28
dBc
Output PAR @ 0.01% CCDF
OPAR
6.7
-7.2
dB
Note:
All published data at T
CASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 510 mA,
VGS(PEAK) = 2.4 V, ƒ = 805 MHz.
3GPP WCDMA signal, 10 dB PAR,
3.84 MHz bandwidth
Gain
Efficiency
PAR @ 0.01% CCDF
ra087008nb-gr1a


Similar Part No. - PTRA087008NB-V1-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTRA087008NB CREE-PTRA087008NB Datasheet
660Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 650 W, 48 V, 755 ??805 MHz
More results

Similar Description - PTRA087008NB-V1-R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA084007NF INFINEON-PTVA084007NF Datasheet
491Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755 ??805 MHz
Rev. 03, 2017-08-30
PTRA083818NF INFINEON-PTRA083818NF Datasheet
481Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 ??805 MHz
Rev. 05.1, 2017-03-30
PTRA093818NF INFINEON-PTRA093818NF Datasheet
470Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
Rev. 05.1, 2017-08-16
logo
Cree, Inc
PTVA082407NF CREE-PTVA082407NF Datasheet
639Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
PTVA084007NF CREE-PTVA084007NF Datasheet
486Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755 ??805 MHz
PTRA083818NF CREE-PTRA083818NF Datasheet
606Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 ??805 MHz
PTRA084808NF CREE-PTRA084808NF Datasheet
649Kb / 12P
Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 ??821 MHz
PTRA087008NB CREE-PTRA087008NB Datasheet
660Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 650 W, 48 V, 755 ??805 MHz
logo
WOLFSPEED, INC.
PTRA083818NF WOLFSPEED-PTRA083818NF Datasheet
708Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 – 805 MHz
Rev. 06.2, 2022-1-27
PTVA084007NF WOLFSPEED-PTVA084007NF Datasheet
497Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755 – 805 MHz
Rev. 04.2, 2022-02-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com