Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTVA104501EH-V1-R0 Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # PTVA104501EH-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 – 1215 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA104501EH-V1-R0 Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  PTVA104501EH-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PTVA104501EH
Rev. 04, 2023-07-10
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
DC Characteristics
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VGS = 0 V, IDS = 10 mA
V(BR)DSS
105
—
—
V
Drain Leakage Current VDS = 50 V, VGS = 0 V
IDSS
—
—
1
µA
VDS = 111 V, VGS = 0 V
IDSS
—
—
10
µA
On-State Resistance
VGS = 10 V, VDS = 0.1 V
RDS(on)
—
0.1
—
W
Operating Gate Voltage VDS = 50 V, IDQ = 200 mA
VGS
3.0
3.5
4.0
V
Gate Leakage Current VGS = 10 V, VDS = 0 V
IGSS
—
—
1
µA
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
105
V
Gate-Source Voltage
VGS
–6 to +12
V
Operating Voltage
VDD
0 to +55
V
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Thermal Resistance
RqJC
0.25
°C/W
(TCASE = 70°C, 430 W CW, ƒ = 1090 MHZ, VDD = 50 V, IDQ = 200 mA)
Ordering Information
Type and Version
Order Code
Package Description
Shipping
PTVA104501EH V1 R0
PTVA104501EH-V1-R0
H-33288-2
Tape & Reel, 50 pcs
PTVA104501EH V1 R250
PTVA104501EH-V1-R250
H-33288-2
Tape & Reel, 250 pcs
RF Characteristics
Typical RF Performance (not subject to production test, verified by design/characterization in Wolfspeed test fixture)
VDD = 50 V, IDQ = 200 mA, Input signal (tr = 7.0 ns, tf = 7.0 ns), 128 µs pulse width, 10% duty cycle, class AB test
Mode of
Operation
ƒ
(MHz)
IRL
(dB)
P1dB
P3dB
Max
Pdroop
(pulse) @ P1dB
tr (ns)
@P1dB
tf (ns)
@P1dB
Gain
(dB)
Eff (%)
POUT
(W)
Gain
(dB)
Eff (%)
POUT
(W)
128 µs, 10%
960
–7.5
18.0
56
460
16.0
53
490
0.15
5
<2
1030
–13.0
18.5
59
470
16.5
60
540
0.15
5
<2
1090
–8.0
17.8
61
510
15.8
61
590
0.20
5
<2
1150
–15.0
18.1
59
540
16.1
60
620
0.20
5
<2
1215
–9.0
18.3
56
460
16.3
53
510
0.20
5
<2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com