Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTVA104501EH-V1-R0 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # PTVA104501EH-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 – 1215 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA104501EH-V1-R0 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  PTVA104501EH-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
PTVA104501EH
Rev. 04, 2023-07-10
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical RF Performance (cont.)
15
25
35
45
55
65
15
25
35
45
55
65
28
30
32
34
36
38
40
42
44
PIN (dBm)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 200 mA, TCASE = 25°C,
P.W = 3.354mS, Burts = 7µS On, 6µS Off,
L.T = 22.7% duty cycle
960 MHz
1030 Mhz
1090 MHz
1150 MHz
1215 MHz
a104501eh_g5
Output power
Efficiency
12
14
16
18
20
22
28
30
32
34
36
38
40
42
44
PIN (dBm)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 200 mA, TCASE = 25°C
P.W = 3.354mS, Burts = 7µS On, 6µS Off,
L.T = 22.7% duty cycle
960 MHz
1030 MHz
1090 MHz
1150 MHz
1215 MHz
Gain
a104501eh_g6
50
55
60
65
70
16
17
18
19
20
900
1000
1100
1200
1300
Frequency (MHz)
Pulsed RF Performance
VDD = 50V, IDQ = 200mA, POUT = 450W (peak),
P.W = 3.354mS, Burts = 7µS On, 6µS Off,
L.T = 22.7% duty cycle
a104501eh_g7
Gain
Efficiency
0.0
0.1
0.2
0.3
-25
-20
-15
-10
-5
900
1000
1100
1200
1300
Frequency (MHz)
Pulsed RF Performance
VDD = 50V, IDQ = 200mA, POUT= 450W (peak),
P.W = 3.354mS, Burts = 7µS On, 6µS Off,
L.T = 22.7% duty cycle
Power Droop
IRL
a104501eh_g8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com