Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTVA104501EH-V1-R0 Datasheet(PDF) 8 Page - WOLFSPEED, INC.

Part # PTVA104501EH-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 – 1215 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA104501EH-V1-R0 Datasheet(HTML) 8 Page - WOLFSPEED, INC.

Back Button PTVA104501EH-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 10Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
PTVA104501EH
Rev. 04, 2023-07-10
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Components Information
Component
Description
Suggested Manufacturer
P/N
Input
C101, C103
Capacitor, 39 pF
ATC
100B 390
C102
Capacitor, 3.3 pF
ATC
800A 3R3
C104
Capacitor, 56 pF
ATC
100B 560
C105
Capacitor, 3.9 pF
ATC
800A 3R9
C106
Capacitor, 2.4 pF
ATC
800A 2R4
C107, C110, C111
Capacitor, 1000 pF
Panasonic Electronic Components
ECJ-1VB1H102K
C108
Capacitor, 10 µF
TDK Corporation
C5750X5R1H106K230KA
C109
Capacitor, 1 µF
TDK Corporation
C4532X7R2A105M230KA
R101
Resistor, 20 W
Panasonic Electronic Components
ERJ-8GEYJ200V
R102
Resistor, 1k W
Panasonic Electronic Components
ERJ-8GEYJ102V
R103
Resistor, 2k W
Panasonic Electronic Components
ERJ-8GEYJ202V
R104
Resistor, 1.2k W
Panasonic Electronic Components
ERJ-3GEYJ122V
R105
Resistor, 1.3k W
Panasonic Electronic Components
ERJ-3GEYJ132V
R106
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-8GEYJ100V
S1
Transistor
Infineon Technologies
BCP56
S2
Voltage Regulator
Texas Instruments
LM78L05ACM
S3
Potentiometer, 2k W
Bourns Inc.
3224W-1-202E
Output
C201
Capacitor, 100 µF
Cornell Dubilier Electronics (CDE)
SK101M100ST
C202
Capacitor, 10 µF
Cornell Dubilier Electronics (CDE)
SEK100M100ST
C203, C210
Capacitor, 39 pF
ATC
100B 390
C204, C207
Capacitor, 10 µF
TDK Corporation
C5750X5R1H106K230KA
C205, C208
Capacitor, 1 µF
TDK Corporation
C4532X7R2A105M230KA
C206
Capacitor, 22 µF
Cornell Dubilier Electronics (CDE)
SEK220M100ST
C209
Capacitor, 56 pF
ATC
100B 560
C211
Capacitor, 6800 µF
Panasonic Electronic Components
ECO-S2AP682EA
R201, R202
Resistor, 5.6 W
Panasonic Electronic Components
ERJ-8RQJ5R6V
Reference Circuit (cont.)
Reference Circuit Assembly
DUT
PTVA104501EH
Test Fixture Part No.
LTN/PTVA104501EH V1
PCB
Rogers 3010, 0.635 mm [0.025"] thick, 2 oz. copper, εr = 10.2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com