Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD7000 Datasheet(PDF) 86 Page - Analog Devices

Part # ADPD7000
Description  Multimodal Sensor Front End
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD7000 Datasheet(HTML) 86 Page - Analog Devices

Back Button ADPD7000 Datasheet HTML 82Page - Analog Devices ADPD7000 Datasheet HTML 83Page - Analog Devices ADPD7000 Datasheet HTML 84Page - Analog Devices ADPD7000 Datasheet HTML 85Page - Analog Devices ADPD7000 Datasheet HTML 86Page - Analog Devices ADPD7000 Datasheet HTML 87Page - Analog Devices ADPD7000 Datasheet HTML 88Page - Analog Devices ADPD7000 Datasheet HTML 89Page - Analog Devices ADPD7000 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 127 page
background image
Data Sheet
ADPD7000
REGISTER SUMMARY
analog.com
Rev. 0 | 86 of 127
Table 23. Register Summary (Continued)
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x39F
BIOZ_ADC
_CONV_D
LY_P
[15:8]
BIOZ_PRE_WIDTH_P
BIOZ_PRECON_SEL_P
BIOZ_SUBSAMPLE_RATIO_P[6:4]
0x0011
R/W
[7:0]
BIOZ_SUBSAMPLE_RATIO_P[3:0]
BIOZ_PREC
ON_RES_P
BIOZ_ADC_CONV_DLY_P
0x3A0
BIOZ_AFE
CON_Q
[15:8]
RESERVED
BIOZ_DACR
EF_LPMOD
E_Q
BIOZ_REFN
ORM_Q
BIOZ_TIMESLOT_OFFSET_Q[9:6]
0x0000
R/W
[7:0]
BIOZ_TIMESLOT_OFFSET_Q[5:0]
BIOZ_TIAE
N_Q
BIOZ_EXCI
TATION_TY
PE_Q
0x3A1
BIOZ_WG
FCW_LO
W_Q
[15:8]
BIOZ_SINEFCW_L_Q[15:8]
0x0000
R/W
[7:0]
BIOZ_SINEFCW_L_Q[7:0]
0x3A2
BIOZ_WG
FCW_HI_
Q
[15:8]
BIOZ_DAT
A_SELEC
TION_Q
BIOZ_NCHAN_ALT_Q
BIOZ_PCHAN_ALT_Q
RESERVED 0x0000
R/W
[7:0]
RESERVED
BIOZ_SINEFCW_H_Q
0x3A3
BIOZ_WG
PHASE_Q
[15:8]
BIOZ_SINE_PHASE_OFFSET_Q[15:8]
0x0000
R/W
[7:0]
BIOZ_SINE_PHASE_OFFSET_Q[7:0]
0x3A4
BIOZ_DFT
PHASE_Q
[15:8]
BIOZ_DFT_PHASE_OFFSET_Q[15:8]
0x0000
R/W
[7:0]
BIOZ_DFT_PHASE_OFFSET_Q[7:0]
0x3A5
BIOZ_WG
OFFSET_
Q
[15:8]
RESERVED
BIOZ_SINE_OFFSET_Q[11:8]
0x0000
R/W
[7:0]
BIOZ_SINE_OFFSET_Q[7:0]
0x3A6
BIOZ_WG
AMPLITU
DE_Q
[15:8]
RESERVED
BIOZ_SINEAMPLITUDE_Q[10:8]
0x0600
R/W
[7:0]
BIOZ_SINEAMPLITUDE_Q[7:0]
0x3A7
BIOZ_DAC
CON_Q
[15:8]
RESERVED
BIOZ_EXBU
FEN_Q
BIOZ_DACBUFBW_Q
BIOZ_BW20
0KEN_Q
BIOZ_BW50
KEN_Q
0x120D
R/W
[7:0]
BIOZ_RATE_DIV_Q
0x3A8
BIOZ_ADC
_LEVEL_Q
[15:8]
BIOZ_ADC_LEVEL_H_Q
0xFF00
R/W
[7:0]
BIOZ_ADC_LEVEL_L_Q
0x3A9
BIOZ_DC_
EXCITATI
ON_Q
[15:8]
BIOZ_DCL
O_POLARI
TY_IP_Q
BIOZ_DCLO
_POLARITY
_IN_Q
BIOZ_DCLO
_L_EN_Q
BIOZ_DCLO_L_MAG_Q
BIOZ_DCLO
_M_EN_Q
0x0000
R/W
[7:0]
BIOZ_DCLO_M_MAG_Q
BIOZ_DCLO
_H_EN_Q
BIOZ_DCLO_H_MAG_Q
0x3AA
BIOZ_ANA
_CTRL1_
Q
[15:8]
BIOZ_TIA_RGAIN_Q
BIOZ_TIA_CGAIN_Q
0x1730
R/W
[7:0]
BIOZ_EXCBUF_LPMODE
_Q
BIOZ_CHOP_OFF_IN_Q
BIOZ_TIA_LPMODE_Q
BIOZ_RX_L
PMODE_Q
BIOZ_DAC_
RCF_LOWB
W_EN_Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com