Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD7000 Datasheet(PDF) 21 Page - Analog Devices

Part # ADPD7000
Description  Multimodal Sensor Front End
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD7000 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADPD7000 Datasheet HTML 17Page - Analog Devices ADPD7000 Datasheet HTML 18Page - Analog Devices ADPD7000 Datasheet HTML 19Page - Analog Devices ADPD7000 Datasheet HTML 20Page - Analog Devices ADPD7000 Datasheet HTML 21Page - Analog Devices ADPD7000 Datasheet HTML 22Page - Analog Devices ADPD7000 Datasheet HTML 23Page - Analog Devices ADPD7000 Datasheet HTML 24Page - Analog Devices ADPD7000 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 127 page
background image
Data Sheet
ADPD7000
THEORY OF OPERATION
analog.com
Rev. 0 | 21 of 127
Table 10. TIA Connections in the BIA Channel (Continued)
Bit Name
Setting
Connection
010
EXCP
011
RINT_SN2
100
IMPIP
101
EXCN
110
ECG RLD (EDA only)
111
ECGIP (EDA only)
BIOZ_PCHAN_x
000
HPTIA_p1
001
IMPIP
010
EXCN
011
RINT_SP2
100
IMPIN
101
EXCP
110
ECGIN (EDA only)
111
ECGIP (EDA only)
1 HPTIA_n and HPTIA_p refer to the two terminals of the TIA resistor.
2 RINT_SN and RIN_SP refer to the two terminals of the internal resistor.
The frequency of the generated sine wave is controlled by the
BIOZ_SINEFCW_x_x bits, whereas the amplitude of the sine
wave is controlled by the BIOZ_SINEAMPLITUDE_x bits. The
BIOZ_SINE_PHASE_OFFSET_x bits are used to control the sine
wave phase.
Use the following equations to set the voltage output (VOUT) am-
plitude and sine wave frequency with these bits, respectively, as
follows:
VOUT=0.8×BIOZ_SINEAMPLITUDE_x
211
 V p‐p (2)
Frequency=32M×BIOZ_SINEFCW_x_x
226
 Hz (3)
The TIA gain can be accessed through the BIOZ_TIA_RGAIN_x
bits.
After digitizing the measurement, the ADC output is sent to the
datapath of the BIA channel, which includes filters, gain controls,
and DFT. The DFT result is I data and Q data of the received sine
wave, and the data format is 3 bytes or 4 bytes and is controlled by
the BIOZ_DATA_SIZE_x bit.
When the chain turns on, the DFT path can wait before
performing the DFT. The waiting time is controlled by the BI-
OZ_ADC_CONV_DLY_x registers.
For accurate measurement, the chip must perform ratio measure-
ment. That is, the chip must measure the known internal resistor at
RINT, and then measure the unknown resistor. Use the ratio method
to calculate the resistor under test.
EDA SIGNAL PATH
EDA, also known as galvanic skin response (GSR), measures the
electrical activity conducted through sweat glands in the skin, which
indicates the intensity of an emotion experienced.
The ADPD7000 supports three measurement modes: AC voltage,
DC voltage, and DC current. To calculate the unknown impedance,
measure the current (I) flow into the unknown impedance and also
measure the voltage across the unknown impedance (VZ
UNKNOWN).
Use the following equation to calculate the unknown impedance:
Z =VZUNKNOWNI
(4)
Typically, the use of two electrodes can measure the EDA (see
Figure 34). The excitation signal is a low frequency excitation, and
the measurement result is the combination of the skin impedance
and the electrode contact impedance.
Figure 34. EDA Measurement Method
FIFO
The FIFO is never written with partial packets of data. If there is not
enough room for the data that is written to the FIFO for all enabled
time slots and any selected status bytes, no data is written from
any of the time slots during that period and the INT_FIFO_OFLOW
status bit is set.
The order of samples written to the FIFO (if selected) is dark data
followed by lit data. Table 11 shows the byte order for multibyte
words.
Table 11. Byte Order for FIFO Writes
Size
Byte Order (After Shift)
8
[7:0]
16
[15:8], [7:0]
24
[23:16], [15:8], [7:0]
32
[31:24], [23:16], [15:8], [7:0]
The FIFO size is 704 bytes. When the FIFO is empty, a read
operation returns 0xFF, and the INT_FIFO_UFLOW status bit is set.
ECG Data Format
The data in the ECG is channel is 24-bit unsigned data with a
status byte as a header. Figure 35 shows the data in the ECG
channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com