Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD7000 Datasheet(PDF) 92 Page - Analog Devices

Part # ADPD7000
Description  Multimodal Sensor Front End
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD7000 Datasheet(HTML) 92 Page - Analog Devices

Back Button ADPD7000 Datasheet HTML 88Page - Analog Devices ADPD7000 Datasheet HTML 89Page - Analog Devices ADPD7000 Datasheet HTML 90Page - Analog Devices ADPD7000 Datasheet HTML 91Page - Analog Devices ADPD7000 Datasheet HTML 92Page - Analog Devices ADPD7000 Datasheet HTML 93Page - Analog Devices ADPD7000 Datasheet HTML 94Page - Analog Devices ADPD7000 Datasheet HTML 95Page - Analog Devices ADPD7000 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 127 page
background image
Data Sheet
ADPD7000
REGISTER DETAILS
analog.com
Rev. 0 | 92 of 127
Table 24. Register Details (Continued)
Reg
Name
Bits Bit Name
Description
Reset
Access
1
ECG_PGA_SAT_STATUS
ECG PGA saturation status bit. Write 1 to this bit
to clear this status.
0x0
R/W1C
0
ECG_ADC_SAT_STATUS
ECG ADC saturation status bit. Write 1 to this bit
to clear this status.
0x0
R/W1C
0x005
GLOBAL_STATUS
[15:
12]
RESERVED
Reserved.
0x0
R
11
ECG_RLD_LEADON_HI_STATUS
ECG RLD lead-on high status bit. Write 1 to this
bit to clear this status.
0x0
R/W1C
10
ECG_RLD_LEADON_LO_STATUS
ECG RLD lead-on low status bit. Write 1 to this bit
to clear this status.
0x0
R/W1C
9
ECGIN_LEADON_HI_STATUS
ECGIN lead-on high status bit. Write 1 to this bit to
clear this status.
0x0
R/W1C
8
ECGIP_LEADON_HI_STATUS
ECGIP lead-on high status bit. Write 1 to this bit to
clear this status.
0x0
R/W1C
[7:1] RESERVED
Reserved.
0x0
R
0
INVALID_CFG_STATUS
Status bit indicating that TIMESLOT_PERIOD_x is
not correctly configured. Write 1 to this bit to clear
this status.
0x0
R/W1C
0x006
FIFO_TH
[15:
10]
RESERVED
Reserved.
0x0
R
[9:0] FIFO_TH
FIFO interrupt generation threshold. Generate the
FIFO interrupt during a FIFO write when the
number of bytes in the FIFO exceeds this value.
0xC
R/W
0x007
INT_ACLEAR
15
INT_ACLEAR_FIFO
FIFO threshold Interrupt auto clear enabled. Set
this bit to enable automatic clearing of the
FIFO_TH interrupt each time the FIFO is read.
0x1
R/W
[14:
0]
RESERVED
Reserved.
0x0
R
0x008
CHIP_ID
[15:
8]
VERSION
Mask version. R0 = 0x0.
0x0
R
[7:0] CHIP_ID
Chip ID.
0xC6
R
0x009
OSC32M
[15:
9]
RESERVED
Reserved.
0x0
R
8
OSC_32M_EFUSE_CTRL
Enables the high frequency oscillator frequency
control from the eFuse bits. Write 0 to this
bit to enable the frequency control from the
OSC_32M_FREQ_ADJ bits.
0x0
R/W
[7:0] OSC_32M_FREQ_ADJ
High frequency oscillator frequency control. 0x000
is the lowest frequency, 0x0FF is the maximum
frequency.
0x80
R/W
0x00A
OSC32M_CAL
15
OSC_32M_CAL_START
Start high frequency oscillator calibration cycle.
Writing a 1 to this bit causes the high frequency
oscillator calibration cycle to occur. It enables
the oscillator, waits for it to start, and then
counts the number 32 MHz cycles during either
128 (1 MHz) or 4 (32 kHz) low frequency
cycles based on which one is selected. It
updates the OSC_32M_CAL_COUNT bits with
this count. The calibration circuit clears the
OSC_32M_CAL_START bit when the calibration
cycle completes. Silicon Version 0 counts 32 low
frequency cycles if using the 32 kHz low frequency
oscillator.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com