Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2011 Datasheet(PDF) 4 Page - International Rectifier

Part # IRS2011
Description  HIGH AND LOW SIDE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2011 Datasheet(HTML) 4 Page - International Rectifier

  IRS2011 Datasheet HTML 1Page - International Rectifier IRS2011 Datasheet HTML 2Page - International Rectifier IRS2011 Datasheet HTML 3Page - International Rectifier IRS2011 Datasheet HTML 4Page - International Rectifier IRS2011 Datasheet HTML 5Page - International Rectifier IRS2011 Datasheet HTML 6Page - International Rectifier IRS2011 Datasheet HTML 7Page - International Rectifier IRS2011 Datasheet HTML 8Page - International Rectifier IRS2011 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.irf.com
4
IRS2011(S)PbF
Functional Block Diagram
Lead Definitions
Symbol Description
HIN
Logic input for high-side gate driver output (HO), in phase
LIN
Logic input for low-side gate driver output (LO), in phase
VB
High-side floating supply
HO
High-side gate drive output
VS
High-side floating supply return
VCC
Low-side supply
LO
Low-side gate drive output
COM
Low-side return
V
B
LIN
UV
DETECT
DELAY
V
CC
UV
DETECT
LO
V
S
COM
S
R
UV
Q
HIN
HO
LEVEL
SHIFT
CIRCUIT
LOW
VOLTAGE
LEVEL
SHIFT
3V S-TRIGGER
3V S-TRIGGER
HIGH
VOLTAGE
BUFFER
LOW
VOLTAGE
LEVEL
SHIFT
8-Lead SOIC
8-Lead PDIP
IRS2011S
IRS2011
Part Number
Lead Assignments
V
S
V
B
HO
HIN
COM
V
CC
LIN
LO
1
8
4
5
6
7
3
2
V
S
V
B
HO
HIN
COM
V
CC
LIN
LO
1
8
4
5
6
7
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com