Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2011 Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2011
Description  HIGH AND LOW SIDE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2011 Datasheet(HTML) 1 Page - International Rectifier

  IRS2011 Datasheet HTML 1Page - International Rectifier IRS2011 Datasheet HTML 2Page - International Rectifier IRS2011 Datasheet HTML 3Page - International Rectifier IRS2011 Datasheet HTML 4Page - International Rectifier IRS2011 Datasheet HTML 5Page - International Rectifier IRS2011 Datasheet HTML 6Page - International Rectifier IRS2011 Datasheet HTML 7Page - International Rectifier IRS2011 Datasheet HTML 8Page - International Rectifier IRS2011 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
200 V
TO
LOAD
V
CC
COM
LIN
HIN
V
S
V
B
HO
HIN
COM
V
CC
LIN
LO
1
8
4
5
Features
• Floating channel designed for bootstrap operation
• Fully operational up to +200 V
• Tolerant to negative transient voltage, dV/dt immune
• Gate drive supply range from 10 V to 20 V
• Independent low-side and high-side channels
• Input logic HIN/LIN active high
• Undervoltage lockout for both channels
• 3.3 V and 5 V input logic compatible
• CMOS Schmitt-triggered inputs with pull-down
• Matched propagation delay for both channels
Packages
HIGH AND LOW SIDE DRIVER
Product Summary
VOFFSET
200 V max.
IO+/-
1.0 A /1.0 A typ.
VOUT
10 V - 20 V
ton/off
60 ns typ.
Delay Matching
20 ns max.
IRS2011(S)PbF
www.irf.com
1
Typical Connection
(Refer to Lead Assignments for correct configuration). This diagram shows electrical connections only.
Please refer to our Application Notes and DesignTips for proper circuit board layout.
Data Sheet No.PD60221
Applications
• Audio Class D amplifiers
• High power DC-DC SMPS converters
• DC motor drive
Description
The IRS2011 is a high power, high speed power MOSFET
driver with independent high and low-side referenced output
channels, ideal for Audio Class D and DC-DC converter appli-
cations. Logic inputs are compatible with standard CMOS or
LSTTL output, down to 3.3 V logic. The output drivers feature a
high pulse current buffer stage designed for minimum driver cross-conduction. Propagation delays are
matched to simplify use in high frequency applications. The floating channel can be used to drive an N-
channel power MOSFET in the high-side configuration which operates up to 200 V. Proprietary HVIC and
latch immune CMOS technologies enable ruggedized monolithic construction.
IRS2011S
8-Lead SOIC
IRS2011
8-Lead PDIP
• RoHS compliant


Similar Part No. - IRS2011

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2011PBF IRF-IRS2011PBF Datasheet
1Mb / 22P
Floating channel designed for bootstrap operation
logo
Infineon Technologies A...
IRS2011PBF INFINEON-IRS2011PBF Datasheet
1Mb / 22P
High and Low Side Driver
October 28, 2015
logo
International Rectifier
IRS2011PBF IRF-IRS2011PBF_15 Datasheet
1Mb / 22P
Floating channel designed for bootstrap operation
logo
Infineon Technologies A...
IRS2011SPBF INFINEON-IRS2011SPBF Datasheet
1Mb / 22P
High and Low Side Driver
October 28, 2015
More results

Similar Description - IRS2011

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS2106 IRF-IRS2106_15 Datasheet
1Mb / 25P
HIGH AND LOW SIDE DRIVER
IRS2181 IRF-IRS2181_15 Datasheet
1Mb / 23P
HIGH AND LOW SIDE DRIVER
IRS2607DSPBF IRF-IRS2607DSPBF_15 Datasheet
833Kb / 28P
HIGH AND LOW SIDE DRIVER
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
Infineon Technologies A...
IR2101 INFINEON-IR2101 Datasheet
148Kb / 14P
HIGH AND LOW SIDE DRIVER
IRS2005PBF INFINEON-IRS2005PBF Datasheet
1Mb / 19P
High and Low Side Driver
April 23, 2020
IRS2101PBF INFINEON-IRS2101PBF Datasheet
1Mb / 15P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60250
IRS2112PBF INFINEON-IRS2112PBF Datasheet
1Mb / 19P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60251
logo
Shenzhen Huazhimei Semi...
HM2101 HMSEMI-HM2101 Datasheet
385Kb / 5P
High and Low Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com