Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3507 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA3507
Description  Video control combination circuit with automatic cut-off control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3507 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA3507 Datasheet HTML 2Page - NXP Semiconductors TDA3507 Datasheet HTML 3Page - NXP Semiconductors TDA3507 Datasheet HTML 4Page - NXP Semiconductors TDA3507 Datasheet HTML 5Page - NXP Semiconductors TDA3507 Datasheet HTML 6Page - NXP Semiconductors TDA3507 Datasheet HTML 7Page - NXP Semiconductors TDA3507 Datasheet HTML 8Page - NXP Semiconductors TDA3507 Datasheet HTML 9Page - NXP Semiconductors TDA3507 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
November 1987
6
Philips Semiconductors
Product specification
Video control combination circuit with
automatic cut-off control
TDA3507
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
Supply voltage (pin 6)
VP = V6-24
−
13,2
V
Voltage ranges
at pins 10, 21, 22, 23, 25, 26
Vn-24
0VP
V
at pin 11
V11-24
−0,5
3,0
V
at pins 16, 19, 20
V16, 19, 20-24
0
0,5VP
V
at pins 1, 2, 3, 4, 5, 7, 8, 9,
12, 13, 14, 15, 17, 18, 27, 28
no external DC voltage
Currents
at pins 1, 3, 5
−I1, 3, 5
−
3mA
at pin 19
I19
−
10
mA
at pin 20
I20
−
5mA
at pin 25
−I25
−
5mA
Total power dissipation
Ptot
−
1,7
W
Storage temperature range
Tstg
−25
+150
°C
Operating ambient temperature range
Tamb
0
+70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com