Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3507 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA3507
Description  Video control combination circuit with automatic cut-off control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3507 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA3507 Datasheet HTML 4Page - NXP Semiconductors TDA3507 Datasheet HTML 5Page - NXP Semiconductors TDA3507 Datasheet HTML 6Page - NXP Semiconductors TDA3507 Datasheet HTML 7Page - NXP Semiconductors TDA3507 Datasheet HTML 8Page - NXP Semiconductors TDA3507 Datasheet HTML 9Page - NXP Semiconductors TDA3507 Datasheet HTML 10Page - NXP Semiconductors TDA3507 Datasheet HTML 11Page - NXP Semiconductors TDA3507 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
November 1987
8
Philips Semiconductors
Product specification
Video control combination circuit with
automatic cut-off control
TDA3507
Linearity
nominal settings
m
0,85
−−
Internal DC voltage due
to clamping
note 2
V15
2,5
2,9
3,3
V
RGB channels
Signal switching input
(pin 11)
Normal state; no insertion
V11
0
−
0,4
V
Level for insertion-on
V11
0,9
−
3,0
V
Input capacitance
C11-24
−−
10
pF
Input current
V11 = 0 to 3 V
I11
−100
−+450
µA
Signal insertion
(pins 12, 13, 14)
External RGB input signals
(black-to-white value)
V12, 13, 14
−
1,0
1,4
V
Input current during
scanning
I12, 13, 14
−−
1,0
µA
Internal DC voltage due
to clamping
notes 2, 3
V12, 13, 14
4,0
4,5
5,0
V
Contrast control (pin 19)
note 2
Control voltage for
maximum contrast
V19
4,0
4,2
4,4
V
Control voltage for
nominal contrast
3 dB below max.
V19
3,4
3,6
3,8
V
Control voltage for
−10 dB below max.
V19
2,6
2,8
3,0
V
Minimum contrast
referred to max.
V19 = 2 V
d
182129dB
Input current
V25 > 6V
I19
−−
2
µA
Difference between
RGB channels
contrast
−10 dB
below max.
−−
0,6
dB
Peak beam current limiting
(pin 25)
Internal DC bias voltage
note 2
V25
5,3
5,5
5,7
V
Input resistance
R25-24
−
10
−
k
Ω
Input current at contrast
control input
V25 = 4,5 V
I19
10
20
34
mA
Brightness control (pin 20)
note 2
Control voltage range
V20
1
−
3V
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com