Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3507 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA3507
Description  Video control combination circuit with automatic cut-off control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3507 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA3507 Datasheet HTML 3Page - NXP Semiconductors TDA3507 Datasheet HTML 4Page - NXP Semiconductors TDA3507 Datasheet HTML 5Page - NXP Semiconductors TDA3507 Datasheet HTML 6Page - NXP Semiconductors TDA3507 Datasheet HTML 7Page - NXP Semiconductors TDA3507 Datasheet HTML 8Page - NXP Semiconductors TDA3507 Datasheet HTML 9Page - NXP Semiconductors TDA3507 Datasheet HTML 10Page - NXP Semiconductors TDA3507 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
November 1987
7
Philips Semiconductors
Product specification
Video control combination circuit with
automatic cut-off control
TDA3507
CHARACTERISTICS
VP = V6-24 = 12,0 V; V12, 13, 14(p-p) = 1,0 V; V15-24(p-p) = 0,45 V; V17-24(p-p) = 1,05 V; V18-24(p-p) = 1,33 V; Tamb = 25 °C;
measured in Fig.3; nominal settings of brightness, contrast, saturation and white point adjustment; all voltages are
referred to pin 24; unless otherwise specified
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply (pin 6)
Supply voltage
VP = V6
10,8
12,0
13,2
V
Supply current
IP
−
100
130(1)
mA
Colour difference inputs
(pins 17, 18)
−(R−Y) input signal (pin 17)
for saturated colour
(peak-to-peak value)
bar with 75% of
maximum amplitude
V17(p-p)
−
1,05
1,48
V
−(B−Y) input signal (pin 18)
for saturated colour
(peak-to-peak value)
bar with 75% of
maximum amplitude
V18(p-p)
−
1,33
1,88
V
Input current during
scanning
I17, 18
−−
1,0
µA
Input resistance
R17, 18-24
1,0
−−
M
Ω
Internal DC voltage due to
clamping
note 2
V17, 18
3,8
4,4
4,8
V
Saturation control (pin 16)
Control voltage for
maximum saturation
note 2
V16
4,0
4,2
4,4
V
Control voltage for
nominal saturation
6 dB below max.
note 2
V16
2,9
3,1
3,3
V
Control voltage for
−26 dB saturation
referred to maximum
note 2
V16
1,9
2,1
2,3
V
Minimum saturation
V16 = 1,8 V
d
46
50
−
dB
Input current
I16
−−
20
µA
(G-Y) matrix
Matrixed according to the equation V(G−Y) = −0,51 V(R−Y) −0,19 V(B−Y)
Luminance input (pin 15)
Composite video input signal
(peak-to-peak value)
V15(p-p)
−
450
630
mV
Input resistance
R15-24
100
−−
k
Ω
Input capacitance
C15-24
−−
5pF
Input current during
scanning
I15
−−
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com