Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPIB20 Datasheet(PDF) 23 Page - PCA ELECTRONICS INC.

Part # EPIB20
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIB20 Datasheet(HTML) 23 Page - PCA ELECTRONICS INC.

Back Button EPIB20 Datasheet HTML 19Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 20Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 21Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 22Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 23Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 24Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 25Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 26Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 27Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used in PDA’s, Cell Phones, Digital Cameras, MP3 Players,
Low Power CPU & DSP Supply and Organizers
• Used as an Inductor in TI TPS6205X, TPS6101X, TPS6110X
and TPS6112X Series Applications
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
EPI F2626L Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package F2626L
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXF2626L
Rev. 1
6/9/03 FF
3.0
3.9
5.0
6.1
7.3
8.6
10
15
22
33
47
56
68
82
100
Induct.
(µH ± 20%)
@ 0 Adc
.024
.027
.031
.035
.054
.058
.065
.084
.128
.165
.238
.277
.304
.390
.535
DCR
(
Ω Max.)
EPI3L0302F2626L
EPI3L9262F2626L
EPI5L0242F2626L
EPI6L1222F2626L
EPI7L3212F2626L
EPI8L6182F2626L
EPI100172F2626L
EPI150142F2626L
EPI220122F2626L
EPI330971F2626L
EPI470801F2626L
EPI560731F2626L
EPI680651F2626L
EPI820601F2626L
EPI101541F2626L
Part
Number
3.00
2.60
2.40
2.25
2.10
1.85
1.70
1.40
1.20
0.97
0.80
0.73
0.65
0.60
0.54
Idc
(Amp.)
.118
Max.
(3.00)
.264 ± .012
(6.70 ± .300)
.264 ± .012
(6.70 ± .300)
.287
(7.30)
.287
(7.30)
.079 (2.00)
.256
(6.50)
.256
(650)
Marking:
PCA
Inductance
Value
Applications
Input
Output
@ 800 mA
VIN
FB
TPS6205X
SW
SYNC
LBO
Gnd
EN
PG
Gnd
LBi
L1
Co
Ci
1
8
6
7
9
5
4
2
310
TPS6101X
VOUT
VBAT
LBI
Gnd
Low
Battery
Warning
VOut
LBO
EN
ADEN
FB
COMP
On
On
Off
Off
Control
Inputs
Ci
Co
R1
R2
R3
Cc1
Cc2
Rc
L2
SW
7
6
5
1
8
3
2
10
5
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com