Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPIB20 Datasheet(PDF) 40 Page - PCA ELECTRONICS INC.

Part # EPIB20
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIB20 Datasheet(HTML) 40 Page - PCA ELECTRONICS INC.

Back Button EPIB20 Datasheet HTML 36Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 37Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 38Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 39Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 40Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 41Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 42Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 43Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 44Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
E L E C T R O N I C S I N C .
Thru-Hole Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for National’s LM267X & LM259X Series
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• Also suitable for use in high quality filter applications
• 150 KHz & 260 KHz Switching Frequency
• Low Cost Inductor
EPI AC2 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXAC2
Rev. 5
2/22/05 FT
12.8
20
27
Induct.
(µH ± 15%)
@ 0 Adc
DCR
(
Ω Typ.)
0.012
0.019
0.046
Vt1
(V-µSec)
150 KHz
---
---
20.0
@ Vt1
°C (Typ.)
---
---
33
Induct.
(µH 10%)
@ Idc
10
15
22
Part
Number
EPI100502AC2
EPI150502AC2
EPI220302AC2
Core Loss
Idc
(mA)
5000
5000
3000
Vt2
(V-µSec)
260 KHz
15.4
19.3
---
National
Semiconductor
Chip
LM267X-L47
LM267X-L46
LM259X-L41
@ Vt2
°C (Typ.)
36
45
---
Temp.Rise
---
---
105
@ Vt1
(mW)
@ Vt2
(mW)
275
275
---
Package AC2
.750
Max.
(19.05)
.110/.150
(2.79/3.81)
.680
Max.
(17.27)
.300
(7.62)
.470
Max.
(11.94)
.300
(7.62)
Pad Layout
.060 Ø
(1.52)
.335
(8.51)
Applications
Vin
Vout
LX
µH
D1
8V-40V
Cin
Cout
CB
10nF
FB
Vsw
Gnd
On/Off
LM267X
+
+
+Vin
Regulated
Output
Load
LX
µH
D1
1N5822
Cin
Cout
Feedback
Output
Vsw
On/Off
Gnd
LM259X
+
+
Unregulated
DC Input
Package AC2V
.375 ± .125
(9.53 ± 3.18)
.680
Max.
(17.27)
Pad Layout
.280
(7.11)
.060 Ø
(1.52)
.400 Max.
(10.16)
.280
(7.11)
Package AC2H
.375 ± .125
(9.53 ± 3.18)
.680
Max.
(17.27)
Pad Layout
.530
(13.46)
.060 Ø
(1.52)
.680
Max.
(17.27)
.530
(13.46)
For no header version : add “V” for Vertical Mount and add “H” for Horizonal Mount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com