Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPIB20 Datasheet(PDF) 43 Page - PCA ELECTRONICS INC.

Part # EPIB20
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIB20 Datasheet(HTML) 43 Page - PCA ELECTRONICS INC.

Back Button EPIB20 Datasheet HTML 39Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 40Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 41Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 42Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 43Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 44Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 45Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 46Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 47Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
E L E C T R O N I C S I N C .
Thru-Hole Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for National’s LM257X Series
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• Also suitable for use in high quality filter applications
• 52 KHz Switching Frequency
• Low Cost Inductor
EPI AC5 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXAC5
Rev. 2
2/22/05 FT
260
437
542
757
1093
Induct.
(µH ± 20%)
@ 0 Adc
DCR
(
Ω Typ.)
.090
.117
.210
.247
.297
Vt1
(V-µSec)
52 KHz
230.8
230.8
230.8
230.8
230.8
Induct.
(µH 10%)
@ Idc
220
330
470
680
1000
Part
Number
EPI221302AC5
EPI331302AC5
EPI471202AC5
EPI681132AC5
EPI102951AC5
Idc
(mA)
3000
3000
2000
1300
950
National
Semiconductor
Chip
LM257X-H220
LM257X-H330
LM257X-H470
LM257X-H680
LM257X-H1000
@ Vt1
°C (Typ.)
23
26
20
12
9
Temp.Rise
Core Loss
510
280
210
150
110
@ Vt1
(mW)
Package AC5
1.400
Max.
(35.56)
.110/.150
(2.79/3.81)
1.300
(33.02)
.500
(12.70)
.700
(19.78)
.500
(12.70)
Pad Layout
.060 Ø
(1.52)
.625
(15.75)
Applications
+Vin
+5V
Regulated
Output
Load
LX
µH
D1
1N5822
Cin
Cout
Feedback
Output
Vsw
On/Off
Gnd
LM257X
+
+
7V-40V
(60V for HV)
Unregulated
DC Input
Package AC5V
.375 ± .125
(9.53 ± 3.18)
1.300
Max.
(33.02)
Pad Layout
.500
(12.70)
.060 Ø
(1.52)
.700 Max.
(19.78)
.500
(12.70)
Package AC5H
.375 ± .125
(9.53 ± 3.18)
1.300
Max.
(33.02)
Pad Layout
1.100
(27.94)
.060 Ø
(1.52)
1.300
Max.
(33.02)
1.100
(27.94)
For no header version : add “V” for Vertical Mount and add “H” for Horizonal Mount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com