Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWIXP425BCT Datasheet(PDF) 43 Page - Intel Corporation

Part # GWIXP425BCT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP425BCT Datasheet(HTML) 43 Page - Intel Corporation

Back Button GWIXP425BCT Datasheet HTML 39Page - Intel Corporation GWIXP425BCT Datasheet HTML 40Page - Intel Corporation GWIXP425BCT Datasheet HTML 41Page - Intel Corporation GWIXP425BCT Datasheet HTML 42Page - Intel Corporation GWIXP425BCT Datasheet HTML 43Page - Intel Corporation GWIXP425BCT Datasheet HTML 44Page - Intel Corporation GWIXP425BCT Datasheet HTML 45Page - Intel Corporation GWIXP425BCT Datasheet HTML 46Page - Intel Corporation GWIXP425BCT Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
43
UTP_IP_FCI
Z
VI
I
UTOPIA Input Data flow control input signal. Also known
as RXEMPTY/CLAV.
Used to inform the processor of the ability of each polled
PHY to send a complete cell. For cell-level flow control in
an MPHY environment, RxClav is an active high tri-
stateable signal from the MPHY to ATM layer. The
UTP_IP_FCI, which is connected to multiple MPHY
devices, will see logic high generated by the PHY, one
clock after the given PHY address is asserted, when a full
cell can be received by the PHY. The UTP_IP_FCI will see
a logic low generated by the PHY, one clock cycle after the
PHY address is asserted if a full cell cannot be received
by the PHY.
In SPHY mode, this signal is used to indicate to the
processor that the PHY has an octet or cell available to be
transferred to the
processor.
Should be pulled low through a 10-K
Ω resistor when not
being utilized in the system.
UTP_IP_SOC
Z
VI
I
Start of Cell. RX_SOC
Active-high signal that is asserted when UTP_IP_DATA
contains the first valid byte of a transmitted cell.
Should be pulled low through a 10-K
Ω resistor when not
being utilized in the system.
UTP_IP_DATA[7:0]
Z
VI
I
UTOPIA input data. Also known as RX_DATA.
Used by to the processor to receive data from an ATM
UTOPIA-Level-2-compliant PHY.
Should be pulled low through a 10-K
Ω resistor when not
being utilized in the system.
UTP_IP_ADDR[4:0]
Z
VI
O
Receive PHY address bus.
Used by the processor when operating in MPHY mode to
poll and select a single PHY at any one given time.
UTP_IP_FCO
Z
Z
O
UTOPIA Input Data Flow Control Output signal: Also
known as the RX_ENB_N.
In SPHY configurations, UTP_IP_FCO is used to inform
the PHY that the processor is ready to accept data.
In MPHY configurations, UTP_IP_FCO is used to select
which PHY will drive the UTP_RX_DATA and
UTP_RX_SOC signals. The PHY is selected by placing
the PHY’s address on the UTP_IP_ADDR and bringing
UTP_OP_FCO to logic 1 during the current clock, followed
by the UTP_OP_FCO going to a logic 0 on the next clock
cycle.
Table 11.
UTOPIA-2 Interface (Sheet 2 of 2)
Name
Power
On
Reset1
Reset2
Type
Description
1.
While PWRON_RESET_N is deasserted use Power On Reset column for the pin state.
2.
After deassertion of PWRON_RESET_N, and deassertion of RESET_IN_N, and assertion of
PLL_LOCK, all signals reflect the value shown in the RESET column.
For a legend of the Type codes, see Table 5 on page 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com