Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM239DR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM239DR2
Description  Single Supply Quad Comparators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM239DR2 Datasheet(HTML) 1 Page - ON Semiconductor

  LM239DR2 Datasheet HTML 1Page - ON Semiconductor LM239DR2 Datasheet HTML 2Page - ON Semiconductor LM239DR2 Datasheet HTML 3Page - ON Semiconductor LM239DR2 Datasheet HTML 4Page - ON Semiconductor LM239DR2 Datasheet HTML 5Page - ON Semiconductor LM239DR2 Datasheet HTML 6Page - ON Semiconductor LM239DR2 Datasheet HTML 7Page - ON Semiconductor LM239DR2 Datasheet HTML 8Page - ON Semiconductor LM239DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2004
July, 2004 − Rev. 13
Publication Order Number:
LM339/D
1
LM339, LM239, LM2901,
LM2901V, NCV2901,
MC3302
Single Supply Quad
Comparators
These comparators are designed for use in level detection, low−level
sensing and memory applications in consumer, automotive, and
industrial electronic applications.
Features
• Pb−Free Packages are Available*
• Single or Split Supply Operation
• Low Input Bias Current: 25 nA (Typ)
• Low Input Offset Current: ±5.0 nA (Typ)
• Low Input Offset Voltage
• Input Common Mode Voltage Range to GND
• Low Output Saturation Voltage: 130 mV (Typ) @ 4.0 mA
• TTL and CMOS Compatible
• ESD Clamps on the Inputs Increase Reliability without Affecting
Device Operation
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
PDIP−14
N, P SUFFIX
CASE 646
1
14
SOIC−14
D SUFFIX
CASE 751A
1
14
PIN CONNECTIONS
3
2
1
*
)
*
)
1
2
3
4
5
6
7
14
8
9
10
11
12
13
Output 2
− Input 1
Output 1
Output 3
Output 4
+ Input 1
− Input 2
+ Input 2
+ Input 4
− Input 4
+ Input 3
− Input 3
VCC
GND
)
*
)
*
4
(Top View)
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 8 of this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com
TSSOP−14
DTB SUFFIX
CASE 948G
1
14


Similar Part No. - LM239DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM239DR2 ONSEMI-LM239DR2 Datasheet
145Kb / 8P
Quad Single Supply Comparators
October, 1999 ??Rev. 3
LM239DR2 ONSEMI-LM239DR2 Datasheet
130Kb / 12P
Single Supply Quad Comparators
February, 2007 ??Rev. 18
LM239DR2G ONSEMI-LM239DR2G Datasheet
130Kb / 12P
Single Supply Quad Comparators
February, 2007 ??Rev. 18
LM239DR2G ONSEMI-LM239DR2G Datasheet
159Kb / 12P
Single Supply Quad Comparators
November, 2010 ??Rev. 19
LM239DR2G ONSEMI-LM239DR2G Datasheet
119Kb / 11P
Single Supply Quad Comparators
October, 2016 ??Rev. 23
More results

Similar Description - LM239DR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
Quad Single Supply Comparators
Rev 2
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
Quad Single Supply Comparators
October, 1999 ??Rev. 3
LM339 ONSEMI-LM339_07 Datasheet
130Kb / 12P
Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
Advanced Monolithic Sys...
AMS339 AMS-AMS339 Datasheet
229Kb / 2P
QUAD SINGLE SUPPLY COMPARATORS
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
Quad Single Supply Comparators
logo
ON Semiconductor
NCV2901DTBR2G ONSEMI-NCV2901DTBR2G Datasheet
159Kb / 12P
Single Supply Quad Comparators
November, 2010 ??Rev. 19
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
Quad Single Supply Comparators
logo
ON Semiconductor
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
Single Supply Quad Comparators
October, 2014 ??Rev. 0
LM339 ONSEMI-LM339_16 Datasheet
119Kb / 11P
Single Supply Quad Comparators
October, 2016 ??Rev. 23
LM339 ONSEMI-LM339_V01 Datasheet
316Kb / 14P
Single Supply Quad Comparators
October, 2021 - Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com