Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM239DR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM239DR2
Description  Single Supply Quad Comparators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM239DR2 Datasheet(HTML) 4 Page - ON Semiconductor

  LM239DR2 Datasheet HTML 1Page - ON Semiconductor LM239DR2 Datasheet HTML 2Page - ON Semiconductor LM239DR2 Datasheet HTML 3Page - ON Semiconductor LM239DR2 Datasheet HTML 4Page - ON Semiconductor LM239DR2 Datasheet HTML 5Page - ON Semiconductor LM239DR2 Datasheet HTML 6Page - ON Semiconductor LM239DR2 Datasheet HTML 7Page - ON Semiconductor LM239DR2 Datasheet HTML 8Page - ON Semiconductor LM239DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LM339, LM239, LM2901, LM2901V, NCV2901, MC3302
http://onsemi.com
4
PERFORMANCE CHARACTERISTICS (VCC = +5.0 Vdc, TA = Tlow to Thigh [Note 6])
LM239/339
LM2901/2901V/
NCV2901
MC3302
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage (Note 7)
VIO
−
−
±9.0
−
−
±15
−
−
±40
mVdc
Input Bias Current (Notes 7, 8)
IIB
−
−
400
−
−
500
−
−
1000
nA
(Output in Analog Range)
Input Offset Current (Note 7)
IIO
−
−
±150
−
−
±200
−
−
±300
nA
Input Common Mode Voltage Range
VICMR
0
−
VCC
−2.0
0
−
VCC
−2.0
0
−
VCC
−2.0
V
Saturation Voltage
Vsat
−
−
700
−
−
700
−
−
700
mV
VI(−) ≥ +1.0 Vdc, VI(+) = 0,
Isink ≤ 4.0 mA
Output Leakage Current
IOL
−
−
1.0
−
−
1.0
−
−
1.0
mA
VI(+) ≥ +1.0 Vdc, VI(−) = 0,
VO = 30 Vdc
Differential Input Voltage
VID
−
−
VCC
−
−
VCC
−
−
VCC
Vdc
All VI ≥ 0 Vdc
6. (LM239) Tlow = −25°C, Thigh = +85°
(LM339) Tlow = 0°C, Thigh = +70°C
(MC3302) Tlow = −40°C, Thigh = +85°C
(LM2901) Tlow = −40°C, Thigh = +105°
(LM2901V & NCV2901) Tlow = −40°C, Thigh = +125°C
NCV2901 is qualified for automotive use.
7. At the output switch point, VO ] 1.4 Vdc, RS ≤ 100 W 5.0 Vdc ≤ VCC ≤ 30 Vdc, with the inputs over the full common mode range (0 Vdc to
VCC −1.5 Vdc).
8. The bias current flows out of the inputs due to the PNP input stage. This current is virtually constant, independent of the output state.
9. The response time specified is for a 100 mV input step with 5.0 mV overdrive. For larger signals, 300 ns is typical.
Figure 2. Inverting Comparator
with Hysteresis
Figure 3. Noninverting Comparator
with Hysteresis
Vref =
VCC R1
Rref + R1
R2
[ R1 / / Rref
Amount of Hysteresis VH
VH =
R2
R2 + R3
[(VO(max) − VO(min)]
Vref [
VCC R1
Rref + R1
R3
] R1 / / Rref / / R2
VH =
R1 / / Rref
R1/ / Rref + R2
[VO(max) − VO(min)]
R2
Rref / / R1
+ VCC
Vin
Vref
+ VCC
+ VCC
Vin
Vref
Rref
Rref
−
+
−
+
VO
VO
10k
R1
R2
R3
10 k
1.0 M
R3
R2
1.0 M
10 k
R1
10 k
10 k



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com