Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM239DR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM239DR2
Description  Single Supply Quad Comparators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM239DR2 Datasheet(HTML) 2 Page - ON Semiconductor

  LM239DR2 Datasheet HTML 1Page - ON Semiconductor LM239DR2 Datasheet HTML 2Page - ON Semiconductor LM239DR2 Datasheet HTML 3Page - ON Semiconductor LM239DR2 Datasheet HTML 4Page - ON Semiconductor LM239DR2 Datasheet HTML 5Page - ON Semiconductor LM239DR2 Datasheet HTML 6Page - ON Semiconductor LM239DR2 Datasheet HTML 7Page - ON Semiconductor LM239DR2 Datasheet HTML 8Page - ON Semiconductor LM239DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LM339, LM239, LM2901, LM2901V, NCV2901, MC3302
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
LM239/LM339/LM2901, V
MC3302
VCC
+36 or
±18
+30 or
±15
Vdc
Input Differential Voltage Range
LM239/LM339/LM2901, V
MC3302
VIDR
36
30
Vdc
Input Common Mode Voltage Range
VICMR
−0.3 to VCC
Vdc
Output Short Circuit to Ground (Note 1)
ISC
Continuous
Power Dissipation @ TA = 25°C
Plastic Package
Derate above 25
°C
PD
1/RqJA
1.0
8.0
W
mW/
°C
Junction Temperature
TJ
150
°C
Operating Ambient Temperature Range
LM239
MC3302
LM2901
LM2901V, NCV2901
LM339
TA
−25 to +85
−40 to +85
−40 to +105
−40 to +125
0 to +70
°C
Storage Temperature Range
Tstg
−65 to +150
°C
ESD Protection at any Pin
Human Body Model
Machine Model
Vesd
2000
200
V
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. The maximum output current may be as high as 20 mA, independent of the magnitude of VCC. Output short circuits to VCC can cause excessive
heating and eventual destruction.
Figure 1. Circuit Schematic
VCC
+ Input
− Input
Output
GND
NOTE: Diagram shown is for 1 comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com