Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPIC04020F-R47M Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TMPIC04020F-R47M
Description  Power Inductor SMD (4.45 X 4.75 X 2.00 mm)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TMPIC04020F-R47M Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TMPIC04020F-R47M Datasheet HTML 1Page - Transko Electronics, Inc. TMPIC04020F-R47M Datasheet HTML 2Page - Transko Electronics, Inc. TMPIC04020F-R47M Datasheet HTML 3Page - Transko Electronics, Inc. TMPIC04020F-R47M Datasheet HTML 4Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TMPIC04020F SERIES
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 05
-
09
-
2018
Power Inductor SMD (4.45 X 4.75 X 2.00 mm)
Shielded construction
Low acoustic noise
Halogen Free RoHS compliant
FEATURES
Alloy metal material
SPECIFICATION
TMPIC04020F-R47M
0.47
±20
14 (12.5)
9.5
7.5
TMPIC04020F-1R0M
1.0
±20
27 (24)
7.0
6.0
TMPIC04020F-1R5M
1.5
±20
46 (38)
6.0
5.0
TMPIC04020F-2R2M
2.2
±20
58 (52)
5.0
4.5
TMPIC04020F-3R3M
3.3
±20
87 (74)
4.0
3.3
TMPIC04020F-4R7M
4.7
±20
105 (92)
3.0
2.8
TMPIC04020F-6R8M
6.8
±20
175 (160)
2.5
2.1
TMPIC04020F-100M
10.0
±20
282 (256)
2.2
1.6
DC Resistance (mΩ)
Rated DC Current (A) Typ.
Part No.
Inductance (µH)
Tolerance (%)
Max. (Typ.)
Measurement frequency of Inductance value : at 100KHz, 1V
Test equipment: CH3302 / CH1320
DIMENSION
SOLDER PATTERN
SCHEMATIC
A
B
C
D
E
G
H
I
4.45 Max
4.75 Max
2.00 Max
2.00 ±0.3
0.80 ±0.3
5.20
2.50
2.50
mm
XXX


Similar Part No. - TMPIC04020F-R47M

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TMPIC05030F TRANSKO-TMPIC05030F Datasheet
1Mb / 4P
Power Inductor SMD (5.0 X 5.5 X 3.0mm)
Rev 1: 02-06-2018
TMPIC05030F-100 TRANSKO-TMPIC05030F-100 Datasheet
1Mb / 4P
Power Inductor SMD (5.0 X 5.5 X 3.0mm)
Rev 1: 02-06-2018
TMPIC05030F-1R0 TRANSKO-TMPIC05030F-1R0 Datasheet
1Mb / 4P
Power Inductor SMD (5.0 X 5.5 X 3.0mm)
Rev 1: 02-06-2018
TMPIC05030F-1R2 TRANSKO-TMPIC05030F-1R2 Datasheet
1Mb / 4P
Power Inductor SMD (5.0 X 5.5 X 3.0mm)
Rev 1: 02-06-2018
TMPIC05030F-1R5 TRANSKO-TMPIC05030F-1R5 Datasheet
1Mb / 4P
Power Inductor SMD (5.0 X 5.5 X 3.0mm)
Rev 1: 02-06-2018
More results

Similar Description - TMPIC04020F-R47M

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TMPIC252012F TRANSKO-TMPIC252012F Datasheet
309Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 02-04-2020
TMPIT04020AF TRANSKO-TMPIT04020AF Datasheet
285Kb / 2P
Power Inductor SMD (4.10 X 4.10 X 1.90 mm)
Rev 1: 05-21-2020
TMPIT07030AF TRANSKO-TMPIT07030AF Datasheet
368Kb / 4P
Power Inductor SMD (6.6 X 6.4 X 3.1 mm)
Rev 1: 05-21-2020
TP0403BF TRANSKO-TP0403BF Datasheet
655Kb / 3P
Power Inductor SMD (4.50 X 4.00 X 3.20 mm)
Rev 1: 03-05-2019
TP0705BF TRANSKO-TP0705BF Datasheet
618Kb / 3P
Power Inductor SMD (7.80 X 7.00 X 5.00 mm)
Rev 3: 09-11-2019
TPOS3316F TRANSKO-TPOS3316F Datasheet
334Kb / 3P
Power Inductor SMD (13.0 X 9.5 X 5.21 mm)
Rev 1: 05-29-2018
TPQH201610TF-R TRANSKO-TPQH201610TF-R Datasheet
686Kb / 3P
Power Inductor SMD (2.0 X 1.6 X 1.0 mm)
Rev 1: 09-18-2018
TPQH252012HF-R TRANSKO-TPQH252012HF-R Datasheet
776Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 03-07-2019
TPRH10D40F TRANSKO-TPRH10D40F Datasheet
734Kb / 3P
Power Inductor SMD (10.10 X 10.0 X 3.8 mm)
Rev 1: 04-27-2018
TPRH1207F TRANSKO-TPRH1207F Datasheet
664Kb / 3P
Power Inductor SMD (12.0 X 12.0 X 8.0 mm)
Rev 1: 10-02-2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com