Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2450 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC2450
Description  BI-Phase/Dual Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2450 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC2450 Datasheet HTML 10Page - Semtech Corporation SC2450 Datasheet HTML 11Page - Semtech Corporation SC2450 Datasheet HTML 12Page - Semtech Corporation SC2450 Datasheet HTML 13Page - Semtech Corporation SC2450 Datasheet HTML 14Page - Semtech Corporation SC2450 Datasheet HTML 15Page - Semtech Corporation SC2450 Datasheet HTML 16Page - Semtech Corporation SC2450 Datasheet HTML 17Page - Semtech Corporation SC2450 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
 2001 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2450
Electrical Characteristic Curves (Cont.)
Start-up (Vin = 24V, Vout = 3.3V, Load Current = 5A/phase)
ch1: Vout
Theory of Operation
The SC2450 employs a voltage mode control with feed forward
to provide fast output response to load and line transients.
The SC2450 has two outputs, which can be used to generate
two separate supply voltages or can be combined in bi-phase
operation to generate one single supply voltage. The internal
reference is trimmed to 1 V with +/-1% accuracy, and the out-
puts voltages can be adjusted by two external resistors. In bi-
phase operation, the dual switching regulators are operated
180° out of phase. Load current sharing between phases is
normally required, and this can be achieved by using precise
feedback voltage divider resistors (typically 0.1%) to match
individual phase output voltage. In addition, small drooping re-
sistors ( could be PCB traces) are employed at the output of
each phase to enhance phase current balance.
PWM Control
Changes on the output voltages are fed to the inverting input of
the Error Amplifiers, by the FB1 and FB2 pins, and compared
with the internal 1 V reference. The compensation to the
transconductance amplifier is achieved by connecting a ca-
pacitor in series with a resistor from the COMP1 and COMP2
pins to AGND respectively. The error signal from the error am-
plifier is compared to the saw tooth waveform by the PWM
comparator, and matched timing signal is generated to control
the upper and lower gate drives of the two phases.
A single Ramp signal is used to generate the control signals
for both of phases, hence the maximum duty cycle is less
than 50%.
Oscillator Frequency Selection
The sawtooth signal is generated by charging an internal ca-
pacitor with a current source. The charge current is set by an
external resistor connected from the RREF pin to AGND. The
oscillator frequency and the external resistance follow an in-
versely proportional relationship.
Feed Forward
The SC2450 incorporates a voltage feed forward scheme to
improve line transient immunity when changes of the input volt-
age occur. As the input voltage changes, the ramp valley to
peak voltage of the internal oscillator follows this change in-
stantly. As a result the output voltage will have minimum dis-
turbance due to the input line change.
Synchronized Operation
The internal oscillator can be synchronized to an external clock
operating in the range of 300 kHz to 1 MHz. The switching
frequency of each channel is one half of the oscillator frequency.
The oscillator clock is also available externally through the
CLKOUT pin and can be used to provide synchronization for
other converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com