Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2450 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC2450
Description  BI-Phase/Dual Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2450 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC2450 Datasheet HTML 11Page - Semtech Corporation SC2450 Datasheet HTML 12Page - Semtech Corporation SC2450 Datasheet HTML 13Page - Semtech Corporation SC2450 Datasheet HTML 14Page - Semtech Corporation SC2450 Datasheet HTML 15Page - Semtech Corporation SC2450 Datasheet HTML 16Page - Semtech Corporation SC2450 Datasheet HTML 17Page - Semtech Corporation SC2450 Datasheet HTML 18Page - Semtech Corporation SC2450 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
 2001 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2450
Bias Generation
A 6-7 Volt supply voltage is required to power up the SC2450.
This voltage could be provided by an external power supply or
derived from VIN through an external pass transistor. REGDRV
is the control signal to the base of the pass transistor that will
regulate VCC. The voltage at the VCC pin is compared to the
internal voltage reference, and the REGDRV pin can sink up to
5 mA current to regulate the voltage at the VCC pin.
Enable
If the ENABLE pin is connected to logic high, the SC2450 is
enabled, while connecting it to ground will put the device into
disabled mode. The ENABLE pin can also be configured as
input UVLO through input voltage divider resistors. The control-
ler will be enabled when the ENABLE pin voltage reaches 2.05
V, and will be disabled with 400 mV hysteresis.
Under Voltage Lockout
Under Voltage lockout (UVLO) circuitry senses VCC through a
voltage divider. If this signal falls below 5.8 V, with a typical
hysteresis of 400 mV, the BG pin is pulled low by an internal
transistor causing the lower MOSFET gate to be on and the
upper MOSFET gate off for both phases.
Over Voltage Protection
The SC2450 provides OVP protection for each output individu-
ally. Once the converter output voltage exceeds 120% nominal
output voltage, the lower MOSFET gates are latched on and
the upper MOSFET gates are latched off. The latch is then
reset once the OVP condition is removed.
Soft Start
An external capacitor at the BG pin is used to set up the Soft
Start duration. The capacitor value, in conjunction with the
internal 3K resistor at the BG pin, control the duration to bring
up the bandgap to its final level. As the BG capacitor is being
charged through the internal resistor, the PWM pulse opens
accordingly until the bandgap is charged completely. This
controlled start up of the PWM prevents output voltage over-
shoot, unnecessary component stress, and noise generation
during start up.
Theory of Operation (Cont.)
Over Current Protection
The SC2450 current limit provides protection during an over
current condition. A sense resistor or PCB trace can be used
to sense the input supply current.
The over current protection trip point is determined by the volt-
age drop across the sense resistor. Once this voltage drop
exceeds 115 mV, OCP protection circuit will be triggered. Due
to component and layout parasitics, filtering might be neces-
sary across the OC+ and OC- pins. It is recommended to use
20 Ohm resistor and 10 nF capacitor for filtering. The OCP
accuracy may be affected by non-ideal PCB layout and
MOSFET variations. To accommodate these variations, the OCP
threshold can be externally adjusted by a voltage divider across
the sense resistor to attenuate the voltage drop across the
sense resistor, so that increase the OCP threshold accord-
ingly. See application circuits.
Once an over current condition occurs, the lower MOSFET
gates are latched on and the upper MOSFET gates are latched
off. The latch is then reset at the beginning of the next clock
cycle. The cycle is repeated indefinitely until the over current
condition removed.
Thermal Shutdown
In addition to current limit, the SC2450 monitors over tempera-
ture condition. The over temperature detect will shut down the
part if the SC2450 die temperature exceeds 150°C, and will
auto reset once the die temperature is dropped down.
Gate Drive
The SC2450 integrates high current gate drivers for fast switch-
ing of large MOSFETs. The high-side gates can be switched
with peak currents of 1 Amp, while the larger low-side gates
can be switched with peak currents of 2 Amps. A cross con-
duction prevention circuitry ensures a non-overlapping opera-
tion between the Upper and Lower MOSFETs. This prevents
false current limit tripping and provides high efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com