| Electronic Components Datasheet Search |
|
SC2450 Datasheet(PDF) 18 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC2450 Datasheet(HTML) 18 Page - Semtech Corporation |
|
18 / 20 page ![]() 18 2001 Semtech Corp. www.semtech.com POWER MANAGEMENT SC2450 Good layout is necessary for successful implementation of the SC2450 bi-phase/dual controller. Important layout guidelines are listed below. 1). The high power parts should be laid out first. The para- sitic inductance of the pulsating power current loop (start from positive end of the input capacitor, to top MOS.ET, then to bottom MOS.ET back to power ground) must be minimized. The high frequency input capacitors and top MOS.ETs should be close to each other. The freewheel- ing Schottky diode, the bottom MOS.ET snubber, and the bottom MOS.ET should be placed close to each other. The MOS.ET gate drive and current sense loop areas should be minimized. The gate drive trace should be short and wide. 2). The layout of the two phases should be made as sym- metrical as possible. The SC2450 controller should be placed in the center of the two phases. Please see evalu- ation board layout as an example. 3). Separate ground planes for analog and power should be provided. Power current should avoid running over the analog ground plane. The AGND is star connected to the PGND at the converter output to provide best possible ground sense. Refer to the application schematics, cer- tain components should be connected directly to the AGND. 4). If a multi-layer PCB is used, power layer and ground layer are recommended to be adjacent to each other. Typically the power layer is on the top, followed by the ground layer. This results in the least parasitic inductance in the MOS.ET-capacitor power loop, and reduces the ringing on the phase node. The rest of the layers could be used to run DC supply traces and signal traces. An example of a two-layer PCB layout is given below to illustrate these layout principles. Control Loop Design (Cont.) ma g i () F i 10 10 0 1 10 3 1 10 4 1 10 5 1 10 6 50 0 50 10 0 L oop G ain M ag ( dB ) ph a s e i () F i 10 10 0 1 10 3 1 10 4 1 10 5 1 10 6 18 0 13 5 90 45 0 L oop G ain P h ase ( D eg r ee) Layout Guidelines Fig. 2. Bode plot of the loop |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |