Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1004 Datasheet(PDF) 3 Page - Astec America, Inc

Part # AS1004
Description  Micropower Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AS1004 Datasheet(HTML) 3 Page - Astec America, Inc

  AS1004 Datasheet HTML 1Page - Astec America, Inc AS1004 Datasheet HTML 2Page - Astec America, Inc AS1004 Datasheet HTML 3Page - Astec America, Inc AS1004 Datasheet HTML 4Page - Astec America, Inc AS1004 Datasheet HTML 5Page - Astec America, Inc AS1004 Datasheet HTML 6Page - Astec America, Inc AS1004 Datasheet HTML 7Page - Astec America, Inc AS1004 Datasheet HTML 8Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Micropower Voltage Reference
AS1004
ASTEC Semiconductor
31
Electrical Characteristics
Electrical Characteristics are guaranteed over full junction temperature range (0 to 70
° C). Ambient temperature must be derated based
on power dissipation and package thermal characteristics.
AS1004-1.2
AS1004-2.5
Parameter
Symbol
Test Condition
Min
Typ
Max
Min
Typ
Max
Unit
Reverse Breakdown Voltage
VZ
IZ = 100
µA, TJ = 25° C
1.231
1.235
1.239
2.480
2.500
2.520
V
0
° C ≤ TA ≤ 70° C
1.225
1.235
1.245
2.470
2.500
2.530
V
Average Temperature
∆VZ /∆TImin ≤ IZ ≤ 20 mA
20
60
ppm/
°C
Coefficient
Minimum Operating Current
IZ (min)
410
12
20
µA
Reverse Breakdown Voltage
∆VZ /∆IZ
Imin
≤ IZ ≤ 1 mA
0.5
1
0.5
1
mV
Change With Current
Over Temperature
0.5
1.5
0.5
1.5
mV
1 mA
≤ IZ ≤ 20 mA
6.5
10
6.5
10
mV
Over Temperature
6.5
20
6.5
20
mV
Reverse Dynamic Impedance ZZ
IZ = 100 mA, f = 25 Hz
0.2
0.6
0.8
0.9
Over Temperature
1
1.5
1.5
Wide Band Noise
en
IZ = 100
µA
10 Hz
≤ f ≤ 10 KHz
60
60
µV
Long Term Stability
∆VZ /∆TIZ = 100 µA
TA = 25
° C ± 0.1° C
20
60
ppm/kH
AS1004-1.2 Reference Voltage vs.
Ambient Temperature
Figure 1
Figure 2
Typical Performance Curves
5000
0.5
00
0
0
∆VREF
∆T
-5
-10
10
20
30
40
50
60 70
Temperature (°C)
0.025 mV/ °C
0.002 %/ °C
20 ppm/ °C
Average Temperature Coefficient =
∆VREF
∆T
Calculating Average Temperature
Coefficient for the AS1004-1.2 Reference
TA – Ambient Temperature (
°C)
1.225
1.230
1.235
1.240
1.245
–55
–15
25
85
125
–35
5
45
65
105
IZ = 100
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com