Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1004 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AS1004
Description  Micropower Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AS1004 Datasheet(HTML) 1 Page - Astec America, Inc

  AS1004 Datasheet HTML 1Page - Astec America, Inc AS1004 Datasheet HTML 2Page - Astec America, Inc AS1004 Datasheet HTML 3Page - Astec America, Inc AS1004 Datasheet HTML 4Page - Astec America, Inc AS1004 Datasheet HTML 5Page - Astec America, Inc AS1004 Datasheet HTML 6Page - Astec America, Inc AS1004 Datasheet HTML 7Page - Astec America, Inc AS1004 Datasheet HTML 8Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AS1004
Micropower Voltage Reference
Description
The AS1004 is a two-terminal precision band-gap voltage
reference with a low turn-on current of 10
µA.
Emulating a 1.235 V zener diode, the AS1004 operates more
than three orders of magnitude of output current with minute
output impedance and guaranteed stability. With an initial
tolerance of
± 4 mV and guaranteed temperature perfor-
mance, it is ideal for precision instrumentation, especially in
low power applications. Being a low-voltage reference, the
AS1004 is also well-suited as a reference for low-voltage
power supply applications, especially in power supplies
intended for low-voltage logic systems, laptop computers
and other portable or battery operated equipment.
The AS1004 is pin-for-pin compatible with the LT1004 and
the LM385 and offers improved specifications over both the
LM385 and the MP5010. It is also available as a 2.5 V
reference with a guaranteed start-up current of 20
µA.
Features
• Low voltage reference
• 10 µA turn-on current for
AS1004-1.2
• 20 µA turn-on current for
AS1004-2.5
• ± 4 mV (0.3 %) initial accuracy
for AS1004-1.2
• ± 20 mV (0.8 %) initial accuracy
for AS1004-2.5
• Guaranteed operation to 20 mA.
Over three orders of magnitude
of operating current!
• Temperature performance
guaranteed
• Very low dynamic impedance
Ordering Information
Description
Temperature Range
Order Codes
TO-92
0 to 70
° C
AS1004-1.2LP
AS1004-2.5LP
8-Pin Plastic SOIC
0 to 70
° C
AS1004-1.2D
AS1004-2.5D
SOT-89
0 to 70
° C
AS1004-1.2S
AS1004-2.5S
© ASTEC Semiconductor
Pin Configuration — Top view
ANODE
CATHODE
N/C
8
1
N/C
CATHODE
7
2
N/C
N/C
6
3
N/C
CATHODE
5
4
ANODE
ANODE
N/C
ANODE
CATHODE
TO-92 (LP)
SOIC (D)
SOT-89 (S)
29


Similar Part No. - AS1004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS100 ETC-AS100 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Pentair Equipment Prote...
AS100 HOFFMANPRODUCTS-AS100 Datasheet
611Kb / 4P
HOL-SEALERS™ Hole Seals
logo
Projects Unlimited, Inc...
AS10004PS-R PUI-AS10004PS-R Datasheet
344Kb / 1P
Speaker
AS10004PS-WR-R PUI-AS10004PS-WR-R Datasheet
354Kb / 1P
Speaker
logo
Power-One
AS1001-7R POWER-ONE-AS1001-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
More results

Similar Description - AS1004

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
MICROPOWER VOLTAGE REFERENCE
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
MICROPOWER VOLTAGE REFERENCE
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
MICROPOWER VOLTAGE REFERENCE
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
Micropower Voltage Reference
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
Micropower Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com