Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1004 Datasheet(PDF) 6 Page - Astec America, Inc

Part # AS1004
Description  Micropower Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AS1004 Datasheet(HTML) 6 Page - Astec America, Inc

  AS1004 Datasheet HTML 1Page - Astec America, Inc AS1004 Datasheet HTML 2Page - Astec America, Inc AS1004 Datasheet HTML 3Page - Astec America, Inc AS1004 Datasheet HTML 4Page - Astec America, Inc AS1004 Datasheet HTML 5Page - Astec America, Inc AS1004 Datasheet HTML 6Page - Astec America, Inc AS1004 Datasheet HTML 7Page - Astec America, Inc AS1004 Datasheet HTML 8Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AS1004
Micropower Voltage Reference
ASTEC Semiconductor
34
Typical Performance Curves
Figure 11
Figure 12
Figure 13
Figure 14
AS1004-1.2 Reverse Dynamic
Impedance
AS1004-2.5 Reverse Dynamic
Impedance
Low Frequency Reverse Dynamic
Impedance
f = Frequency (kHz)
1
10
100
1 k
10 k
0.1
0.01
0.1
1
10
1 k
100
t
Z = 100 µA
T
A = 25° C
f = Frequency (kHz)
1
10
100
1 k
10 k
0.1
0.01
0.1
1
10
1 k
100
t
Z = 100 µA
T
A = 25° C
Forward Characteristics
I
F = Forward Current (mA)
0.4
0.8
1.2
0
0.01
0.1
1
10
100
T
A = 25° C
I
Z – Reverse Current (mA)
1
10
100
0.1
0.01
0.1
1
10
100
T
A = –55° C to 125° C
f = 25 Hz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com