Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1862GS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC1862GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1862GS Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPC1862GS Datasheet HTML 4Page - Renesas Technology Corp UPC1862GS Datasheet HTML 5Page - Renesas Technology Corp UPC1862GS Datasheet HTML 6Page - Renesas Technology Corp UPC1862GS Datasheet HTML 7Page - Renesas Technology Corp UPC1862GS Datasheet HTML 8Page - Renesas Technology Corp UPC1862GS Datasheet HTML 9Page - Renesas Technology Corp UPC1862GS Datasheet HTML 10Page - Renesas Technology Corp UPC1862GS Datasheet HTML 11Page - Renesas Technology Corp UPC1862GS Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
6
µPC1862
PIN FUNCTIONS
(1/12)
Pin No.
Symbol
Pin Name
Equivalent Circuit
Function
1
SCO
Sub Carrier Output
Burst locked sub carrier output
DC voltage of a standard
2.9 V
2CVCC1
Chroma VCC1
Power supply for chroma signal
processing circuit (pin 1 to pin 18)
This power supply must be
isolated from the power supply
for sync processing circuit use.
3
TINT
Tint Control
Tint control input (DC voltage)
This pin adjusts the tint of sub
carrier output (SCO pin).
Internal bias voltage of a standard
2.5 V
CVCC3 (pin 15)
5 k
Ω
1
400 A
µ
3
5 k
Ω
100 A
3.3 V
CVCC3 (pin 15)
15 k
Ω
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com