Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1862GS Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPC1862GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1862GS Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPC1862GS Datasheet HTML 5Page - Renesas Technology Corp UPC1862GS Datasheet HTML 6Page - Renesas Technology Corp UPC1862GS Datasheet HTML 7Page - Renesas Technology Corp UPC1862GS Datasheet HTML 8Page - Renesas Technology Corp UPC1862GS Datasheet HTML 9Page - Renesas Technology Corp UPC1862GS Datasheet HTML 10Page - Renesas Technology Corp UPC1862GS Datasheet HTML 11Page - Renesas Technology Corp UPC1862GS Datasheet HTML 12Page - Renesas Technology Corp UPC1862GS Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
7
µPC1862
(2/12)
Pin No.
Symbol
Pin Name
Equivalent Circuit
Function
4
CIN
Chroma Signal Input
Chroma signal input
Internal bias voltage of a standard
3.2 V
5
ACCF
Chroma ACC Filter
Pin for connecting filter of ACC
(Automatic
Color
Control)
detector
DC voltage of a standardNote
1.0 V
6
CKO
Color Killer Output
Color Killer Detection output
When Killer (without burst) signal:
Low level output
When color signal: High level
output
Note
Chroma burst amplitude from pin 4: 150 mVp-p
4
100 A
CVCC1
(pin 2)
200 A
4.0 V
5 k
Ω
10 k
Ω
µ
µ
200
Ω
2 k
Ω
2 k
Ω
5
CVCC3 (pin 15)
6
CVCC3 (pin 15)
1 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com