Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1862GS Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # UPC1862GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1862GS Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button UPC1862GS Datasheet HTML 13Page - Renesas Technology Corp UPC1862GS Datasheet HTML 14Page - Renesas Technology Corp UPC1862GS Datasheet HTML 15Page - Renesas Technology Corp UPC1862GS Datasheet HTML 16Page - Renesas Technology Corp UPC1862GS Datasheet HTML 17Page - Renesas Technology Corp UPC1862GS Datasheet HTML 18Page - Renesas Technology Corp UPC1862GS Datasheet HTML 19Page - Renesas Technology Corp UPC1862GS Datasheet HTML 20Page - Renesas Technology Corp UPC1862GS Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
15
µPC1862
(10/12)
Pin No.
Symbol
Pin Name
Equivalent Circuit
Function
29
HSOF1
32fH VCO Filter (1)
Pin for connecting filter of 32fH
VCO
Bias voltage of a standard
3.8 V
30
SGND
Sync GND
Ground for sync processing circuit
(pin 19 to pin 36)
31
HKO
Horizontal
Horizontal killer output (Open
Killer Output
Corrector)
When No sync: High impedance
output
When sync: Low level output
32
HDO
Horizontal Sync
Horizontal sync detection signal
Detection Output
output
When No sync: High level output
When sync: Low level output
29
31
24 k
Ω
32
1 k
Ω
SVCC (pin 25)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com