Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC835 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC835
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC835 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC835 Datasheet HTML 1Page - Renesas Technology Corp UPC835 Datasheet HTML 2Page - Renesas Technology Corp UPC835 Datasheet HTML 3Page - Renesas Technology Corp UPC835 Datasheet HTML 4Page - Renesas Technology Corp UPC835 Datasheet HTML 5Page - Renesas Technology Corp UPC835 Datasheet HTML 6Page - Renesas Technology Corp UPC835 Datasheet HTML 7Page - Renesas Technology Corp UPC835 Datasheet HTML 8Page - Renesas Technology Corp UPC835 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUIT
μPC835
LOW-POWER, HIGH-STABILITY, LOW-OFFSET VOLTAGE
J-FET INPUT DUAL OPERATIONAL AMPLIFIER
DATA SHEET
Document No. G18672EJ1V0DS00 (1st edition)
Date Published March 2007 NS CP(N)
Printed in Japan
2007
DESCRIPTION
The
μ PC835 is the higher version of μ PC832 and 4062, the J-FET input operational amplifiers, in stability and
accuracy. The
μ PC835 is a J-FET input dual operational amplifier which realizes both low power consumption and
high stability, by adopting a high speed PNP transistor of fT = 300 MHz on its output stage.
In addition, despite its J-FET input, the
μ PC835 realizes low offset voltage characteristics that eclipses conventional
general operational amplifiers, by using a resistance trimming system, the proven method for our high accuracy
operational amplifier and high accuracy reference voltage.
The
μ PC835 is ideal for use in measurement instruments and control instruments, which especially requires the
stability during capacitive load connections.
FEATURES
• Input offset voltage
±3 mV MAX.
• Slew rate
5.5 V/
μ s TYP.
• Unity gain frequency 2.8 MHz TYP.
• Low power
ICC
≤ 2.2 mA MAX.
(Reduces circuit currents while maintaining relatively high slew rate and bandwidth)
• High stability is secured to capacitive loads
(4000 pF, AV =
+1)
• Internal frequency compensation
• Small package
The whole size of the package is downsized by 30 to 40% compared with a standard SOP contour,
by using a TSSOP (3 x 3 mm
2 body) package
ORDERING INFORMATION
Part Number
Package
Packing Type
μ PC835MN-KAA-E1-AT
Note
8-pin plastic TSSOP (3 x 3)
• 12 mm wide embossed taping
• Pin 1 at draw-out side
• 4000 p/reel
μ PC835MN-KAA-E2-AT
Note
8-pin plastic TSSOP (3 x 3)
• 12 mm wide embossed taping
• Pin 1 at reel side
• 4000 p/reel
Note Pb-free (This product does not contain Pb in the external electrode and other parts.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com