Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC835 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPC835
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC835 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPC835 Datasheet HTML 5Page - Renesas Technology Corp UPC835 Datasheet HTML 6Page - Renesas Technology Corp UPC835 Datasheet HTML 7Page - Renesas Technology Corp UPC835 Datasheet HTML 8Page - Renesas Technology Corp UPC835 Datasheet HTML 9Page - Renesas Technology Corp UPC835 Datasheet HTML 10Page - Renesas Technology Corp UPC835 Datasheet HTML 11Page - Renesas Technology Corp UPC835 Datasheet HTML 12Page - Renesas Technology Corp UPC835 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Data Sheet G18672EJ1V0DS
8
μPC835
PRECAUTIONS FOR USE
O The process of unused circuits
If there is an unused circuit, the following connection is recommended.
Process example of unused circuits
V
V
+
V
V
+
R
R
−
+
To potentials within the range of
common-mode input voltage (VICM)
O Power supply to be used (single/dual)
Operational amplifiers operate when a given voltage is applied to between V+ and V−. Therefore, they can operate
with a single power supply (V− = GND). However, since input/output around the GND is impossible with the single
power supply, it is required to pay attention to the common-mode input voltage range and the maximum output
voltage when using them.
O Ratings of input/output pin voltage
When the voltage of input/output pin exceeds the absolute maximum rating, it may cause degradation of
characteristics or damages, by a conduction of a parasitic diode within an IC. In addition, when the input pin may be
lower than V−, or the output pin may exceed the supply voltage, it is recommended to make a clump circuit by a
diode whose forward voltage is low (e.g.: Schottky diode) for protection.
O Range of common-mode input voltage
When the supply voltage does not meet the condition of electrical characteristics, the range of common-mode
input voltage is as follows.
VICM (TYP.): V−
+3 to V+ (V) (TA = 25°C)
During designing, consider variations in characteristics and temperature characteristics for use with allowance.
O The maximum output voltage
The range of the TYP. value of the maximum output voltage when the supply voltage does not meet the condition
of electrical characteristics is as follows:
VOm+ (TYP.): V+
−1 (V) (TA = 25°C, RL ≥ 10 kΩ), VOm− (TYP.): V− +1.7 (V) (TA = 25°C, RL ≥ 10 kΩ)
During designing, consider variations in characteristics and temperature characteristics for use with allowance.
In addition, note that the output voltage range (VOm+
− VOm−) becomes narrow when an the output current
increases.
O Handling of ICs
When stress is added to ICs due to warpage or bending of a board, the characteristic fluctuates due to
piezoelectric effect. Therefore, pay attention to warpage or bending of a board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com