Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2533 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPC2533
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2533 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPC2533 Datasheet HTML 9Page - Renesas Technology Corp UPC2533 Datasheet HTML 10Page - Renesas Technology Corp UPC2533 Datasheet HTML 11Page - Renesas Technology Corp UPC2533 Datasheet HTML 12Page - Renesas Technology Corp UPC2533 Datasheet HTML 13Page - Renesas Technology Corp UPC2533 Datasheet HTML 14Page - Renesas Technology Corp UPC2533 Datasheet HTML 15Page - Renesas Technology Corp UPC2533 Datasheet HTML 16Page - Renesas Technology Corp UPC2533 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
11
µPC2533
2. Operation of Each Block
2.1
FR Amplifier Circuit Block
Fig. 2-1 RF Ampliier Circuit
VCC
LPF
L4
L5
C6
33
C3
C4
C5
C7
30
35
36
34
+
C2
C1
L2
L1
Q2
Q1
L3
C9
+
R2
R1
C8
MIX1
RF AGC
LO/DXNote
4
From MIX2
Note LO : 3 V or higher
DX : 1 V or lower
In the AM band, the capacitance of a car radio antenna depends on its length, diameter, cable length, etc. Therefore,
J-FET is used in the
µPC2533 to raise RF input impedance.
Since the
µPC2533 raises the first IF (intermediate frequency) to 10.71 MHz, there is no need for a tuning circuit
between the RF amplifier circuit and MIX1. Instead, it employs an LPF (about 6 MHz) consisting of L4, L5 and C3
to C5 between the RF amplifier circuit and MIX1 in order to cut image frequency (21.4 MHz or higher). Because this
allows a wide-band RF amplifier circuit to be configured without using a tuning circuit, frequency sensitivity deviation
can be minimized to a high degree.
The AGC circuit consists of RF AGC1 by the PIN diode connected to the FET gate and RF AGC2 by the cascade
transistor Q1. Use a low-noise transistor even with low current for the cascade transistor Q1 (if a high-noise one is
used, the S/N ratio deteriorates).
Remark Set bias voltage for cascade transistor Q1 to VC > VB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com