Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2533 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPC2533
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2533 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPC2533 Datasheet HTML 24Page - Renesas Technology Corp UPC2533 Datasheet HTML 25Page - Renesas Technology Corp UPC2533 Datasheet HTML 26Page - Renesas Technology Corp UPC2533 Datasheet HTML 27Page - Renesas Technology Corp UPC2533 Datasheet HTML 28Page - Renesas Technology Corp UPC2533 Datasheet HTML 29Page - Renesas Technology Corp UPC2533 Datasheet HTML 30Page - Renesas Technology Corp UPC2533 Datasheet HTML 31Page - Renesas Technology Corp UPC2533 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
26
µPC2533
Modulation Frequency Characteristics
0
10
–10
–20
–30
–40
–50
–60
50
100
500
1k
5k
10k
5
4
3
2
1
0
Modulation frequency (Hz)
THD
VCC = 8 V
VO
Signal Meter Output Voltage (Adjustment by Resistor between Pin 9 and GND)
7
6
5
4
3
2
1
0
10
2030405060
80
70
90
100
36 k
Ω
(24 k
Ω)
20 k
Ω
12 k
Ω
6.2 k
Ω
(6.2 k
Ω)
1 k
Ω
(1 k
Ω)
Signal input level (dB V)
µ
24 k
Ω
(51 k
Ω)
VCC = 8 V
fIN = 999 kHz
AMMOD = 30 %
fMOD = 400 Hz
51 k
Ω
Remark Figures in parentheses indicate setting value (resistor between pin 9 and GND) for
µPC2533GS-02. A
circuit that restricts output current from pin 9 is mounted on
µPC2533GS-02.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com