Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2533 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPC2533
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2533 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPC2533 Datasheet HTML 17Page - Renesas Technology Corp UPC2533 Datasheet HTML 18Page - Renesas Technology Corp UPC2533 Datasheet HTML 19Page - Renesas Technology Corp UPC2533 Datasheet HTML 20Page - Renesas Technology Corp UPC2533 Datasheet HTML 21Page - Renesas Technology Corp UPC2533 Datasheet HTML 22Page - Renesas Technology Corp UPC2533 Datasheet HTML 23Page - Renesas Technology Corp UPC2533 Datasheet HTML 24Page - Renesas Technology Corp UPC2533 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
19
µPC2533
3.
Electical Characteristics
Absolute Maximum Ratings (TA = 25
°C)
Item
Symbol
Rating
Unit
Power supply voltage
VCC
10
V
Power dissipation
PD
600
mW
Operating ambient temperature
TA
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Caution Exposure to Absolute Maximum Ratings for extended periods may affect device reliability;
exceeding the ratings could cause permanent damage. The parameters apply independently.
The device should be operated within the limits specified under DC and AC Characteristics.
Recommended Operating Conditions (TA = 25 ˚C)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Power supply voltage
VCC
7.5
8.0
8.5
V
Input voltage
VIN
132
dB
µV
Electrical Characteristics
(Unless specified, TA = 25
°C, VCC = 8 V, fIN = 999 kHz, fMOD = 400 Hz, AMMOD = 30 %, RSD1 (resistor between pin
7 and GND) = RSD2 (resistor between pin 9 and GND) = 24 k
Ω, 15-pin measurement load = 100 kΩ)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Circuit current
ICC
No input (excluding FET)
–
45
55
mA
Detection output
VO
VIN = 74 dB
µV
150
180
210
mVrms
Signal-to-noise ratio
S/N
VIN = 74 dB
µV53
60
–
dB
Total harmonic distortion 1
THD1
VIN = 74 dB
µV
–
0.3
1.0
%
Total harmonic distortion 2
THD2
VIN = 74 dB
µV, AMMOD = 80 %
–
0.7
1.0
%
Total harmonic distortion 3
THD3
VIN = 130 dB
µV, AMMOD = 80 %
–
0.7
1.5
%
Signal meter output voltage 1
VS1
No input
–
0
0.2
V
Signal meter output voltage 2
VS2
VIN = 30 dB
µV
0.5
1.5
2.5
V
Signal meter output voltage 3 Note
VS3
VIN = 74 dB
µV
4.8
5.5
6.7
V
(4.3)
(5.0)
(5.5)
Local buffer output 1
VOSC
1-pin load: 20 pF or less
106
110
114
dB
µV
Note Specifications in parentheses for signal meter output voltage 3 are for
µPC2533GS-02. Values of other items
are the same for
µPC2533GS-01 and µPC2533GS-02.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com