Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2763T Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPC2763T
Description  BIPOLAR ANALOG INTEGRATED CIRCUITS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2763T Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPC2763T Datasheet HTML 9Page - Renesas Technology Corp UPC2763T Datasheet HTML 10Page - Renesas Technology Corp UPC2763T Datasheet HTML 11Page - Renesas Technology Corp UPC2763T Datasheet HTML 12Page - Renesas Technology Corp UPC2763T Datasheet HTML 13Page - Renesas Technology Corp UPC2763T Datasheet HTML 14Page - Renesas Technology Corp UPC2763T Datasheet HTML 15Page - Renesas Technology Corp UPC2763T Datasheet HTML 16Page - Renesas Technology Corp UPC2763T Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Data Sheet P12710EJ3V0DS
11
µµµµPC2762TB, µµµµPC2763TB, µµµµPC2771TB
−
µPC2762TB −
OUTPUT POWER vs. INPUT POWER
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
Input Power Pin (dBm)
Input Power Pin (dBm)
SATURATED OUTPUT POWER vs.
FREQUENCY
SATURATED OUTPUT POWER vs.
FREQUENCY
Frequency f (GHz)
Input Power Pin (dBm)
–10
–20
–15
+5
–5
+15
0
+5
+10
–10
–5
0
–10
–20
–5
0
+5
+10
+15
–15
–10
–5
0
+5
OUTPUT POWER vs. INPUT POWER
OUTPUT POWER vs. INPUT POWER
f = 0.9 GHz
VCC = 3.0 V
VCC = 3.3 V
VCC = 2.7 V
–10
–20
–15
+5
–5
+15
TA = +85
°C
TA = +25
°C
TA = –40
°C
0
+5
+10
–10
–5
0
f = 0.9 GHz
VCC = 3.0 V
f = 1.9 GHz
Frequency f (GHz)
–10
–20
–15
+5
–5
+15
0
+5
+10
–10
–5
0
f = 1.9 GHz
VCC = 3.0 V
+3
0.1
+9
+11
+13
+5
+7
1.0
3.0
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
0.3
+3
0.3
+5
+7
+9
+13
1.0
3.0
+11
Pin = +3 dBm
Pin = +3 dBm
VCC = 3.0 V
0.1
TA = +85
°C
TA = +25
°C
TA = –40
°C
VCC = 3.0 V
VCC = 3.3 V
VCC = 2.7 V
TA = +85
°C
TA = +25
°C
TA = –40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com