Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2763T Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPC2763T
Description  BIPOLAR ANALOG INTEGRATED CIRCUITS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2763T Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPC2763T Datasheet HTML 19Page - Renesas Technology Corp UPC2763T Datasheet HTML 20Page - Renesas Technology Corp UPC2763T Datasheet HTML 21Page - Renesas Technology Corp UPC2763T Datasheet HTML 22Page - Renesas Technology Corp UPC2763T Datasheet HTML 23Page - Renesas Technology Corp UPC2763T Datasheet HTML 24Page - Renesas Technology Corp UPC2763T Datasheet HTML 25Page - Renesas Technology Corp UPC2763T Datasheet HTML 26Page - Renesas Technology Corp UPC2763T Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Data Sheet P12710EJ3V0DS
21
µµµµPC2762TB, µµµµPC2763TB, µµµµPC2771TB
−
µPC2771TB −
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
Input Power Pin (dBm)
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
OUTPUT POWER vs. INPUT POWER
0
– 5
– 10
+15
0
– 20
– 15
– 10
0
– 5
+15
0
0
– 5
+5
+10
+15
+5
+10
+15
+5
+10
+15
+5
+10
VCC = 3.3 V
+10
+5
– 5
– 10
– 25
– 5
f = 0.9 GHz
VCC = 3.0 V
VCC = 2.7 V
– 20
– 15
– 10
0
– 25
– 5
f = 0.9 GHz
VCC = 3.0 V
TA = +85
°C
TA = +25
°C
TA = – 40
°C
– 20
– 15
– 10
0
– 25
– 5
f = 1.5 GHz
0
– 5
– 20
– 15
– 10
0
– 25
– 5
f = 1.5 GHz
VCC = 3.0 V
TA = +85
°C
TA = – 40
°C
TA = +25
°C
TA = +85
°C
TA = – 40
°C
TA = +25
°C
TA = – 40
°C
TA = +85
°C
TA = +25
°C
f = 1.9 GHz
f = 1.9 GHz
VCC = 3.0 V
– 20
– 15
– 10
0
– 25
– 5
VCC = 2.7 V
VCC = 3.0 V
VCC = 3.3 V
+15
+10
– 5
– 10
– 20
– 15
– 10
0
– 25
– 5
+5
0
TA = – 40˚C
TA = +85˚C
TA = +25˚C
VCC = 2.7 V
VCC = 3.0 V
VCC = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com