Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2763T Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPC2763T
Description  BIPOLAR ANALOG INTEGRATED CIRCUITS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2763T Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPC2763T Datasheet HTML 17Page - Renesas Technology Corp UPC2763T Datasheet HTML 18Page - Renesas Technology Corp UPC2763T Datasheet HTML 19Page - Renesas Technology Corp UPC2763T Datasheet HTML 20Page - Renesas Technology Corp UPC2763T Datasheet HTML 21Page - Renesas Technology Corp UPC2763T Datasheet HTML 22Page - Renesas Technology Corp UPC2763T Datasheet HTML 23Page - Renesas Technology Corp UPC2763T Datasheet HTML 24Page - Renesas Technology Corp UPC2763T Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Data Sheet P12710EJ3V0DS
19
µµµµPC2762TB, µµµµPC2763TB, µµµµPC2771TB
TYPICAL S-PARAMETER VALUES (TA = +25
°°°°C)
µPC2763TB
VCC = Vout = 3.0 V, ICC = 28 mA
FREQUENCY
S11
S21
S12
S22
K
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100.0000
0.231
−1.4
10.210
−3.8
0.023
2.4
0.406
−4.1
1.68
200.0000
0.242
−0.2
10.305
−8.5
0.023
7.8
0.412
−7.5
1.66
300.0000
0.250
2.7
10.464
−12.9
0.024
9.3
0.407
−9.9
1.58
400.0000
0.245
2.8
10.655
−18.2
0.024
13.4
0.407
−13.9
1.55
500.0000
0.242
2.0
10.863
−22.8
0.026
16.1
0.405
−17.6
1.44
600.0000
0.241
−2.2
11.093
−28.1
0.027
19.9
0.414
−21.6
1.37
700.0000
0.263
−5.3
11.544
−33.2
0.028
22.3
0.419
−24.6
1.25
800.0000
0.291
−5.6
11.843
−39.0
0.029
22.5
0.424
−27.7
1.16
900.0000
0.316
−5.1
12.291
−45.1
0.029
23.9
0.424
−31.9
1.09
1000.0000
0.322
−4.0
12.676
−52.4
0.030
25.6
0.425
−37.1
1.02
1100.0000
0.318
−5.4
13.066
−59.8
0.031
24.1
0.438
−42.5
0.96
1200.0000
0.309
−9.0
13.311
−67.3
0.031
27.0
0.442
−47.8
0.96
1300.0000
0.322
−14.2
13.661
−75.8
0.033
28.8
0.441
−51.2
0.90
1400.0000
0.344
−20.6
13.845
−83.9
0.033
28.5
0.434
−56.0
0.87
1500.0000
0.371
−23.7
13.824
−93.0
0.035
30.1
0.435
−62.2
0.82
1600.0000
0.380
−27.5
13.890
−101.5
0.035
28.1
0.439
−68.9
0.80
1700.0000
0.388
−30.6
13.634
−110.5
0.036
29.2
0.439
−74.6
0.78
1800.0000
0.378
−36.4
13.236
−119.6
0.035
29.9
0.428
−81.3
0.84
1900.0000
0.378
−42.1
12.724
−127.9
0.035
30.9
0.411
−87.0
0.89
2000.0000
0.375
−46.6
12.290
−136.1
0.035
32.9
0.393
−93.4
0.94
2100.0000
0.369
−50.5
11.707
−144.0
0.035
33.0
0.385
−99.6
0.99
2200.0000
0.351
−53.8
11.130
−151.7
0.036
35.7
0.373
−104.9
1.06
2300.0000
0.331
−59.8
10.524
−159.1
0.036
36.8
0.359
−110.3
1.13
2400.0000
0.306
−66.4
9.824
−165.9
0.034
38.7
0.336
−117.5
1.31
2500.0000
0.300
−73.1
9.152
−172.3
0.035
40.1
0.321
−123.3
1.41
2600.0000
0.294
−75.8
8.583
−178.2
0.034
43.8
0.306
−129.4
1.55
2700.0000
0.290
−77.1
8.029
176.2
0.035
46.3
0.299
−133.9
1.58
2800.0000
0.270
−77.7
7.610
170.6
0.037
47.7
0.288
−138.6
1.63
2900.0000
0.248
−78.7
7.240
166.1
0.039
51.1
0.270
−143.6
1.67
3000.0000
0.219
−82.3
6.827
161.2
0.039
53.6
0.253
−150.1
1.79
3100.0000
0.198
−88.7
6.516
156.9
0.040
55.1
0.244
−156.2
1.88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com