Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3621 Datasheet(PDF) 4 Page - International Rectifier

Part # IR3621
Description  2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3621 Datasheet(HTML) 4 Page - International Rectifier

  IR3621 Datasheet HTML 1Page - International Rectifier IR3621 Datasheet HTML 2Page - International Rectifier IR3621 Datasheet HTML 3Page - International Rectifier IR3621 Datasheet HTML 4Page - International Rectifier IR3621 Datasheet HTML 5Page - International Rectifier IR3621 Datasheet HTML 6Page - International Rectifier IR3621 Datasheet HTML 7Page - International Rectifier IR3621 Datasheet HTML 8Page - International Rectifier IR3621 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
IR3621&(PbF)
www.irf.com
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
VOUT3 Internal Regulator
Output Voltage
Output Current
Protection Section
OVP Trip Threshold
OVP Fault Prop Delay
OCSET Current
Hiccup Duty Cycle
Hiccup High Level Threshold
Hiccup Low Level Threshold
Thermal Shutdown Trip Point
Thermal Shutdown Hysteresis
Output Drivers Section
LO Drive Rise Time
HI Drive Rise Time
LO Drive Fall Time
Hi Drive Fall Time
Dead Band Time
Output forced to 1.25VREF
Note2
Hiccup pin pulled high, Note2
Note2
Note2
Note2
Note2
CL=1500pF,Figure 2
CL=1500pF, Figure 2
CL=1500pF,Figure 2
CL=1500pF,Figure 2
See Figure 2
6.25
1.15VREF
20
5
140
20
18
18
25
25
50
V
mA
V
µs
µA
%
V
V
!C
!C
ns
ns
ns
ns
ns
OVP
OVP(delay)
IOCSet
Tr(LO)
Tr(HI)
Tf(LO)
Tf(HI)
TDB
5.8
44
1.1VREF
16
2
6.7
1.2VREF
5
24
0.8
50
50
50
50
100
Note 2: Guaranteed by design but not tested for production.
Figure 2 - Rise Time, Fall Time and Deadband for Driver Section
9V
2V
9V
2V
High Side Driver
(HDrv)
Low Side Driver
(LDrv)
Tr
Tf
Deadband
H_to_L
Deadband
L_to_H
Tr
Tf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com