Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3621 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3621
Description  2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3621 Datasheet(HTML) 1 Page - International Rectifier

  IR3621 Datasheet HTML 1Page - International Rectifier IR3621 Datasheet HTML 2Page - International Rectifier IR3621 Datasheet HTML 3Page - International Rectifier IR3621 Datasheet HTML 4Page - International Rectifier IR3621 Datasheet HTML 5Page - International Rectifier IR3621 Datasheet HTML 6Page - International Rectifier IR3621 Datasheet HTML 7Page - International Rectifier IR3621 Datasheet HTML 8Page - International Rectifier IR3621 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
IR3621&(PbF)
1
www.irf.com
Data Sheet No.PD60231 revA
DESCRIPTION
The IR3621 IC combines a dual synchronous buck control-
ler and drivers, providing a cost-effective, high performance
and flexible solution. The IR3621 operates in 2-Phase mode
to produce either 2-independent output voltages or current
share single output for high current application. The 180
!
out-of-phase operation allows the reduction of input and
output capacitance.
Other key features include two independently programmable
soft-start functions to allow system level sequencing of out-
put voltages in various configurations. The pre-bias protec-
tion feature prevents the discharge of the output voltage and
possible damage to the load during start-up when a pre-
existing voltage is present at the output. Programmable
switching frequency up to 500KHz per phase allows flexibil-
ity to tune the operation of the IC to meet system level re-
quirements, and synchronization allows the simplification
of system level filter design. Protection features such as
selectable hiccup or latched current limit, and under voltage
lock-out are provided to give required system level security
in the event of a fault condition.
FEATURES
2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH
OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
Figure 1 - Typical application of IR3621 in current share single output and 2-independent output voltage configuration
APPLICATIONS
Embedded Networking & Telecom Systems
Distributed Point-of-Load Power Architectures
2-Phase Power Supply
Graphics Card
DDR Memory Applications
Dual Synchronous Controller with 180
!
Out of Phase Operation
Configurable to 2-Independent Outputs or
Current Share Single Output
Voltage Mode Control
Current Sharing Using Inductor's DCR
Selectable Hiccup or Latched Current
Limit using MOSFET's RDS(on) sensing
Latched Over-Voltage Protection
Pre-Bias Start Up
Programmable Switching Frequency up to 500KHz
Two Independent Soft-Starts/Shutdowns
Precision Reference Voltage 0.8V
Power Good Output
External Frequency Synchronization
Thermal Protection
Vin
Vout
PGnd1
LDrv1
HDrv1
LDrv2
HDrv2
Gnd
Comp2
Comp1
SS1 / SD
IR3621
Rt
SS2 / SD
PGnd2
OCSet2
OCSet1
Vin
Vin
Vout1
PGnd1
LDrv1
HDrv1
LDrv2
HDrv2
Gnd
Comp2
Comp1
SS1 / SD
IR3621
Rt
SS2 / SD
PGnd2
OCSet2
OCSet1
Vin
Vout2
Current share, single output configuration
2-independent output voltage configuration
PKG
DESIG
M
M
F
F
PART
LEADFREE
NUMBER
PART NUMBER
IR3621M
IR3621MPbF
IR3621MTR
IR3621MTRPbF
IR3621F
N/A
IR3621FTR
N/A
PARTS
PER TUBE
73
------
50
------
PARTS
PER REEL
------
6000
------
2500
ORDERING INFORMATION
PIN
COUNT
32
32
28
28
T & R
Orientation
Fig A


Similar Part No. - IR3621

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3622AMPBF IRF-IR3622AMPBF Datasheet
675Kb / 33P
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3622AMTRPBF IRF-IR3622AMTRPBF Datasheet
675Kb / 33P
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3622MPBF IRF-IR3622MPBF Datasheet
654Kb / 31P
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3622MPBF IRF-IR3622MPBF Datasheet
683Kb / 31P
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3622MTRPBF IRF-IR3622MTRPBF Datasheet
683Kb / 31P
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
More results

Similar Description - IR3621

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2745 NSC-LM2745 Datasheet
1Mb / 23P
Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
LM2747 NSC-LM2747 Datasheet
1,009Kb / 23P
Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
logo
Texas Instruments
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI1-UCC28250_12 Datasheet
980Kb / 53P
Advanced PWM Controller With Pre-Bias Operation
LM2745MTCX TI-LM2745MTCX Datasheet
1Mb / 37P
LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock
LM2748MTC TI1-LM2748MTC Datasheet
1Mb / 37P
LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup
LM2747 TI-LM2747_15 Datasheet
1Mb / 38P
Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
logo
Delta Electronics, Inc.
DNL DELTA-DNL Datasheet
936Kb / 15P
Pre-bias startup
DNT12SIP05 DELTA-DNT12SIP05 Datasheet
716Kb / 13P
Pre-bias startup
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com