Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3621 Datasheet(PDF) 11 Page - International Rectifier

Part # IR3621
Description  2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3621 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3621 Datasheet HTML 7Page - International Rectifier IR3621 Datasheet HTML 8Page - International Rectifier IR3621 Datasheet HTML 9Page - International Rectifier IR3621 Datasheet HTML 10Page - International Rectifier IR3621 Datasheet HTML 11Page - International Rectifier IR3621 Datasheet HTML 12Page - International Rectifier IR3621 Datasheet HTML 13Page - International Rectifier IR3621 Datasheet HTML 14Page - International Rectifier IR3621 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
IR3621&(PbF)
11
www.irf.com
APPLICATION INFORMATION
Design Example:
The following example is a typical application for the
IR3621, the schematic is Figure19 on page18.
Output Voltage Programming
Output voltage is programmed by the reference voltage
and an external voltage divider. The Fb1 pin is the invert-
ing input of the error amplifier, which is referenced to the
voltage on the non-inverting pin of error amplifier. For this
application, this pin (VP2) is connected to the reference
voltage (VREF). The output voltage is defined by using the
following equation:
When an external resistor divider is connected to the
output as shown in Figure 11.
Figure 11 - Typical application of the IR3621 for pro-
gramming the output voltage.
Equation (4) can be rewritten as:
Will result to:
VOUT(2.5V) = 2.5V
VREF = 0.8V
R9= 2.15K, R5= 1K
If the high value feedback resistors are used, the input
bias current of the Fb pin could cause a slight increase
in output voltage. The output voltage can be set more
accurately by using low value, precision resistors.
For a start-up time of 4ms for both output, the soft-start
capacitor will be 0.1
µF. Connect two 0.1
µFceramic
capacitors from SS1 pin and SS2 pin to GND.
Supply VcH1 and VcH2
To drive the high side MOSFET, it is necessary to sup-
ply a gate voltage at least 4V greater than the bus volt-
age. This is achieved by using a charge pump configu-
ration as shown in Figure 12. This method is simple
and inexpensive. The operation of the circuit is as fol-
lows: when the lower MOSFET is turned on, the ca-
pacitor (C1) charges up to VOUT3, through the diode
(D1). The bus voltage will be added to this voltage when
upper MOSFET turns on in next cycle, and providing
supply voltage (VcH1) through diode (D2). VcH1 is ap-
proximately:
Capacitor in the range of 0.1
µF is generally adequate
for most applications. The diode must be a fast recov-
ery device to minimize the amount of charge fed back
from the charge pump capacitor into VOUT3. The diodes
need to be able to block the full power rail voltage, which
is seen when the high side MOSFET is switched on.
For low voltage application, Schottky diodes can be
used to minimize forward drop across the diodes at
start up.
Figure 12 - Charge pump circuit.
R6 = R5
×
- 1
VOUT
VP
(
)
Fb
IR3621
VOUT
R5
R6
VREF
VP2
VCH1
≅ VOUT3 + VBUS - (VD1 + VD2)
VIN = 12V
VOUT(2.5V) = 2.5V @ 10A
VOUT(1.8V) = 1.8V @ 10A
∆VOUT = Output voltage ripple
≅ 3% of VOUT
FS = 400kHz
L2
IR3621
D1
C1
VcH1
HDrv
Regulator
Q1
Q2
VOUT3
C2
VBUS
D2
C3
Css
≅ 28×tSTART (µF)
---(5)
Where
tSTART is the desired start-up time (ms)
VOUT = VP2
× 1 +
---(4)
R6
R5
VP2 = VREF = 0.8V
(
)
VOUT(1.8V) = 1.8V
VREF = 0.8
R7= 1.24K, R8 = 1K
Soft-Start Programming
The soft-start timing can be programmed by selecting
the soft-start capacitance value. The start-up time of
the converter can be calculated by using:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com