Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TWL4532VF-R12 Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TWL4532VF-R12
Description  Wire Wound Chip Inductor SMD 1812 (4.50 x 3.20 x 3.20 mm)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TWL4532VF-R12 Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TWL4532VF-R12 Datasheet HTML 1Page - Transko Electronics, Inc. TWL4532VF-R12 Datasheet HTML 2Page - Transko Electronics, Inc. TWL4532VF-R12 Datasheet HTML 3Page - Transko Electronics, Inc. TWL4532VF-R12 Datasheet HTML 4Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TWL4532VF Series
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 12
-
13
-
2018
Wire Wound Chip Inductor SMD 1812 (4.50 x 3.20 x 3.20 mm)
FEATURES
•
Highly Accurate Dimensions
•
Halogen Free RoHS compliant
SOLDER PATTERN
SCHEMATIC
DIMENSION
A
B
C
E
F
mm
4.50 ±0.30
3.20 ±0.20
3.20 ±0.20
2.60 ±0.10
0.6 Ref.


Similar Part No. - TWL4532VF-R12

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
TWL RUBYCON-TWL Datasheet
48Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
TWL-U-W ETC2-TWL-U-W Datasheet
241Kb / 1P
ZenNet Self-powered Wireless Ceiling-mount Sensor 5 year Warranty
logo
Texas Instruments
TWL1101 TI-TWL1101 Datasheet
408Kb / 31P
VOICE-BAND AUDIO PROCESSOR
TWL1101 TI-TWL1101 Datasheet
398Kb / 31P
VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1101PFB TI-TWL1101PFB Datasheet
398Kb / 31P
VOICE-BAND AUDIO PROCESSOR (VBAPE)
More results

Similar Description - TWL4532VF-R12

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TCRB10145F TRANSKO-TCRB10145F Datasheet
764Kb / 3P
Power Inductor SMD (10.10 X 10.10 X 4.50 mm)
Rev 1: 05-07-2019
TMPIC04020F TRANSKO-TMPIC04020F Datasheet
1Mb / 4P
Power Inductor SMD (4.45 X 4.75 X 2.00 mm)
Rev 1: 05-09-2018
TMPIC252012F TRANSKO-TMPIC252012F Datasheet
309Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 02-04-2020
TMPIT04020AF TRANSKO-TMPIT04020AF Datasheet
285Kb / 2P
Power Inductor SMD (4.10 X 4.10 X 1.90 mm)
Rev 1: 05-21-2020
TMPIT07030AF TRANSKO-TMPIT07030AF Datasheet
368Kb / 4P
Power Inductor SMD (6.6 X 6.4 X 3.1 mm)
Rev 1: 05-21-2020
TP0403BF TRANSKO-TP0403BF Datasheet
655Kb / 3P
Power Inductor SMD (4.50 X 4.00 X 3.20 mm)
Rev 1: 03-05-2019
TP0705BF TRANSKO-TP0705BF Datasheet
618Kb / 3P
Power Inductor SMD (7.80 X 7.00 X 5.00 mm)
Rev 3: 09-11-2019
TPOS3316F TRANSKO-TPOS3316F Datasheet
334Kb / 3P
Power Inductor SMD (13.0 X 9.5 X 5.21 mm)
Rev 1: 05-29-2018
TPRH10D40F TRANSKO-TPRH10D40F Datasheet
734Kb / 3P
Power Inductor SMD (10.10 X 10.0 X 3.8 mm)
Rev 1: 04-27-2018
TPRH1207F TRANSKO-TPRH1207F Datasheet
664Kb / 3P
Power Inductor SMD (12.0 X 12.0 X 8.0 mm)
Rev 1: 10-02-2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com