Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC6371AF Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TC6371AF
Description  PCI to SD Memory Card / SmartMedia™ Interface Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC6371AF Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TC6371AF Datasheet HTML 9Page - Toshiba Semiconductor TC6371AF Datasheet HTML 10Page - Toshiba Semiconductor TC6371AF Datasheet HTML 11Page - Toshiba Semiconductor TC6371AF Datasheet HTML 12Page - Toshiba Semiconductor TC6371AF Datasheet HTML 13Page - Toshiba Semiconductor TC6371AF Datasheet HTML 14Page - Toshiba Semiconductor TC6371AF Datasheet HTML 15Page - Toshiba Semiconductor TC6371AF Datasheet HTML 16Page - Toshiba Semiconductor TC6371AF Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
TC6371AF Specification
Rev. 1.8
02/01/22
TOTAL
58
PAGE NO.13
TOSHIBA CONFIDENTIAL
GPIO Interface (8 pins)
NAME
Pin
IO
VCC (V)
FUNCTION
GPIO0
110
IO
3.3
General-purpose port 0.
Pull up this pin.
GPIO1
111
IO
3.3
General-purpose port 1.
Pull up this pin.
GPIO2
112
IO
3.3
General-purpose port 2.
Set to Low when 8-bit ROM selected or set to High when 16-bit ROM
selected in ROM interface mode.
Pull up this pin .when the serial ROM interface is not applied,
GPIO3
114
IO
3.3
General-purpose port 3.
Pull up this pin.
GPIO4
115
I
3.3
General-purpose port 4.
Set to Low.
GPIO5
116
I
3.3
General-purpose port 5.
Set to High.
GPIO6
117
I
3.3
General-purpose port 6.
Set to Low.
GPIO7
119
I
3.3
General-purpose port 7.
Set to Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com