Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC6371AF Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TC6371AF
Description  PCI to SD Memory Card / SmartMedia™ Interface Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC6371AF Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TC6371AF Datasheet HTML 17Page - Toshiba Semiconductor TC6371AF Datasheet HTML 18Page - Toshiba Semiconductor TC6371AF Datasheet HTML 19Page - Toshiba Semiconductor TC6371AF Datasheet HTML 20Page - Toshiba Semiconductor TC6371AF Datasheet HTML 21Page - Toshiba Semiconductor TC6371AF Datasheet HTML 22Page - Toshiba Semiconductor TC6371AF Datasheet HTML 23Page - Toshiba Semiconductor TC6371AF Datasheet HTML 24Page - Toshiba Semiconductor TC6371AF Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
TC6371AF Specification
Rev. 1.8
02/01/22
TOTAL
58
PAGE NO.21
TOSHIBA CONFIDENTIAL
4.3
Clock / Reset
4.3.1
Clocks
The TC6371AF has two pins for input clocks: PCICLK and CLK32.
(1)
PCICLK: PCI clock input (33 MHz max)
PCI interface and internal operation reference clock.
(2)
CLK32: 32-kHz clock input
Used as detecting insertion and removal of SD card and SmartMedia and an interrupt detection clock
and for event detection in D3 state. The interrupt signal, implied insertion or detachment, shall be
generated synchronous to this clock signal. Note that if CLK32 is stopped, the interrupt detector does
not operate while TC6371AF is suspended or in D1-3 state set according to the PCI bus power
management interface specifications.
4.3.2
Reset
The TC6371AF uses the following two reset signals.
(1)
#PCIRST: PCI reset signal. Asserted at power on and at a transition to D3cold. When the input
destination of this signal is set to D3 state, the contents of the context register are saved and not
cleared even when #PCIRST is asserted.
(2)
#PWRST: Power-on reset signal. Asserted at power on. Asserting #PWRST clears all the TC6371AF’s
internal registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com