Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC6371AF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC6371AF
Description  PCI to SD Memory Card / SmartMedia™ Interface Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC6371AF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC6371AF Datasheet HTML 1Page - Toshiba Semiconductor TC6371AF Datasheet HTML 2Page - Toshiba Semiconductor TC6371AF Datasheet HTML 3Page - Toshiba Semiconductor TC6371AF Datasheet HTML 4Page - Toshiba Semiconductor TC6371AF Datasheet HTML 5Page - Toshiba Semiconductor TC6371AF Datasheet HTML 6Page - Toshiba Semiconductor TC6371AF Datasheet HTML 7Page - Toshiba Semiconductor TC6371AF Datasheet HTML 8Page - Toshiba Semiconductor TC6371AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
TC6371AF Specification
Rev. 1.8
02/01/22
TOTAL
58
PAGE NO.2
TOSHIBA CONFIDENTIAL
Revision history
TITLE: TC6371AF Specification
REV
NO.
DATE
CONTENTS
Parts
REVISED
APP’D
1.00
'00-09-08
Issued
S.Ueta
T.Takada
1.01
'01-03-26
Mentioned ‘5.2.2PCI Interface DC Characteristics’.
Mentioned ‘5.3.1PCI clock AC characteristics’.
Page 34
Page 40
T.Murakami
T.Takada
1.02
'01-04-02
Symbol ‘Topr’ is raised to 70°C from 60°C
Ta is changed to ‘0-70°C’ from ‘0-60°C’
Page 33
Page 35-52
S.Ueta
T.Takada
1.03
'01-04-18
Recommended resistance of SDCD3 line is changed to
100 K
ΩPull-up from 510 KΩPull-down.
Added 4.11 item
Page 32
Page 33
S.Ueta
T.Takada
1.04
'01-04-25
Low active signals are unified as #xxxx.
(ex. SDCD#
#SDCD)
Modified recommended resistance of SDCD3-0 and
SDCMD case of MMC not supported.
(100K
Ω 47KΩ)
Page 32
S.Ueta
T.Takada
1.1
'01-05-17
Modified a comment of [4.7 SUSPEND State ].
Modified recommended resistance of SDCD2-0 and
SDCMD case of MMC not supported.
(47K
Ω 100KΩ)
Added Current Dissipation Characteristics
Page 26
Page 32
Page 41
S.Ueta
T.Takada
1.2
'01-07-20
Added [4.12 Processing Unused
Interface External Pins].
Modified recommended resistance of #SDCD
and SDWP. (100K
Ω 10KΩ)
Page 34-35
Page 32
S.Ueta
T.Takada
1.3
'01-08-17
Added [6 Package outline].
Page 56
S.Ueta
T.Takada
1.4
'01-08-31
Added SmartMedia DC spec. for #SMLOCK, #SMEJCT
and #SMLED.
Page 38
S.Ueta
T.Takada
1.5
'01-09-03
To be slimed files.
S.Ueta
T.Takada
1.6
'01-10-02
Added the comment regarding Subsystem Vendor ID
and Subsystem Device ID.
Page17,19
S.Ueta
T.Takada
1.61
'01-11-09
Corrected the written.
Page17,19
(red letters)
S.Ueta
T.Takada
1.62
'01-11-26
Corrected the written.
Page27
(red letters)
S.Ueta
T.Takada
1.7
'02-01-09
Regarding serial rom I/F, specified that only 4K bits
serial rom be supported.
Added #SMLED signal specification.
Page5
(red letters)
Page36
S.Ueta
T.Takada
1.8
'02-01-22
Modified the explanation of CLK32 signal.
Added GPIO interface specification.
Page21
(red letters)
Page36
S.Ueta
T.Takada



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com