Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6410 Datasheet(PDF) 13 Page - STMicroelectronics

Part # VV6410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VV6410 Datasheet HTML 9Page - STMicroelectronics VV6410 Datasheet HTML 10Page - STMicroelectronics VV6410 Datasheet HTML 11Page - STMicroelectronics VV6410 Datasheet HTML 12Page - STMicroelectronics VV6410 Datasheet HTML 13Page - STMicroelectronics VV6410 Datasheet HTML 14Page - STMicroelectronics VV6410 Datasheet HTML 15Page - STMicroelectronics VV6410 Datasheet HTML 16Page - STMicroelectronics VV6410 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
13/105
cd5410-6410f-3-0.fm
3.3.1
Image readout parameters
The following parameters are available to process the sensor readout:
•
Shuffle horizontal readout, enabled by setting bit [7] of serial register [17]
•
Mirror horizontal readout, enabled by setting bit [3] of serial register [22]
•
Shuffle vertical readout, enabled by setting [2] or serial register [22]
•
Flip vertical readout, enabled by setting [4] of serial register [22]
The effect of each of these parameters is probably best described via a series of diagrams, see sections 3.3.2 - below.
Although all the above features may be used in conjunction with one another we will only display one special image readout
parameter at any one time.
3.3.2
Horizontal shuffle
Figure 5 is the reference figure that shows the image readout without any of the optional image parameters, shuffle or mirror,
selected. Figure 5 shows how the image will appear if the horizontal shuffle bit has been selected. Note that the even columns,
(column 2,4,6 etc), are read out first followed by the odd columns, (1,3,5,7 etc).‘
GR
GR
GR
GR
GR
GR
GR
GR
GR
GR
GR
GR
Where G - Green and R - Red
Figure 4 : Standard Image Readout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com