Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6410 Datasheet(PDF) 33 Page - STMicroelectronics

Part # VV6410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VV6410 Datasheet HTML 29Page - STMicroelectronics VV6410 Datasheet HTML 30Page - STMicroelectronics VV6410 Datasheet HTML 31Page - STMicroelectronics VV6410 Datasheet HTML 32Page - STMicroelectronics VV6410 Datasheet HTML 33Page - STMicroelectronics VV6410 Datasheet HTML 34Page - STMicroelectronics VV6410 Datasheet HTML 35Page - STMicroelectronics VV6410 Datasheet HTML 36Page - STMicroelectronics VV6410 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
33/105
cd5410-6410f-3-0.fm
of the available video modes in VV5410/VV6410.
8.3.1
Blank lines
In addition to padding between data lines, actual blank data lines may appear in the positions indicated above. These lines begin
with start-of-blank-line embedded control sequences and are constructed identically to active video lines except that they will
contain only blank bytes, 07H, (expressed as 01CH in 10bit form).
8.3.2
Black line timing
The black lines (which are used for black offset calculation) are identical in structure to valid video lines except that they begin
with a start-of-black line code and contain either information from the sensor black lines or blanking data.
By default VP3 mode (see mode_select[24] for details) is selected. It is an option in any of the VP3 modes to select the additional
black lines to be output (line 3-8). If the VP3 mode is not selected then all the black lines are enabled - no blank lines are output.
Internally there is the concept of dark lines - to be used for dark offset cancellation (see following diagrams to identify their
position within the frame timing model), however externally the dark lines share the same line type code as the black lines.
8.3.3
Padding Lines and Fields
The user may choose to extend the inter-field period by increasing the field length by writing to serial registers 97 & 98. In this
event, the appropriate number of additional black or blank lines is inserted between the End Of Field (EOF) line and the Start Of
Field (SOF) line. This means that the distance between SOF and EOF will remain constant.
The user can also extend the line length by writing to serial registers 82 and 83. The line length padding is inserted after the EAV
sequence, ensuring that the distance between the SAV and EAV sequences will remain constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com