Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6410 Datasheet(PDF) 24 Page - STMicroelectronics

Part # VV6410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VV6410 Datasheet HTML 20Page - STMicroelectronics VV6410 Datasheet HTML 21Page - STMicroelectronics VV6410 Datasheet HTML 22Page - STMicroelectronics VV6410 Datasheet HTML 23Page - STMicroelectronics VV6410 Datasheet HTML 24Page - STMicroelectronics VV6410 Datasheet HTML 25Page - STMicroelectronics VV6410 Datasheet HTML 26Page - STMicroelectronics VV6410 Datasheet HTML 27Page - STMicroelectronics VV6410 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 105 page
background image
VV5410 & VV6410
Timed Serial Interface Parameters
cd5410-6410f-3-0.fm
Commercial in confidence
24/105
7.
Timed Serial Interface Parameters
The previous section, Exposure Control, introduced the concept of a “timed parameter”, that is information that is written via the
serial interface but will not be used immediately by the sensor, rather there will be a delay before the information is passed to the
internal registers (referred to as the working registers) from the serial interface registers (referred to as the shadow registers). It is
the contents of the working registers that will determine sensor behaviour.
The architecture of VV5410/6410 requires that many of the programmable registers are handled in such a manner. This section
will identify all these registers, describe what they are all used for and then go on to explain when they are all updated.
7.1
Listing and Categorizing the Parameters
The timed parameters are split into 6 categories as follows:
•
fine exposure
•
coarse exposure
•
clock division
•
gain
•
pan parameter
•
tilt parameter
•
video timing
There is a “pending” flag for each of the above categories. These flags are stored in Status0 Register[2]. If one of the flags is high
this indicates that the working register/s controlled by that flag have yet to be updated from the according shadow register/s. This
feedback information could be useful if a user is, for example, attempting to write an exposure controller. The status of the
pending flags allows accurate timing of the serial interface communications.
7.1.1
Fine Exposure
The fine exposure category simply comprises registers[32,33].
7.1.2
Coarse Exposure
The coarse exposure category simply comprises registers[34,35].
7.1.3
Clock Division
The clock division category simply comprises register[37].
7.1.4
Gain
The gain category simply comprises register[36].
7.1.5
Pan Parameter
The pan parameter category comprises the following registers:
•
Setup0[16] (The “pan_pend” flag will only be set if the subsampled QCIF mode is entered or exited)
•
Setup1[17] (The “pan_pend” flag will only be set if the hshuffle control bit is changing state)
•
Data_format[22] (The “pan_pend” flag will only be set if the hmirror control bit is changing state)
•
X-offset[87,88] (The “pan_pend” flag set unconditionally)
7.1.6
Tilt Parameter
The tilt parameter category comprises the following registers:
•
Setup0[16] (The “tilt_pend” flag will only be set if the subsampled QCIF mode is entered or exited)
•
data_format[22] (The “tilt_pend” flag will be set if the hshuffle control bit or the hmirror control bit is changing state)
•
Y-offset[89,90] (The “tilt_pend” flag set unconditionally)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com