Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICP2840 Datasheet(PDF) 6 Page - Microchip Technology

Part # ICP2840
Description  27.5 – 31 GHz 9W GaN PA MMIC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ICP2840 Datasheet(HTML) 6 Page - Microchip Technology

Back Button ICP2840 Datasheet HTML 2Page - Microchip Technology ICP2840 Datasheet HTML 3Page - Microchip Technology ICP2840 Datasheet HTML 4Page - Microchip Technology ICP2840 Datasheet HTML 5Page - Microchip Technology ICP2840 Datasheet HTML 6Page - Microchip Technology ICP2840 Datasheet HTML 7Page - Microchip Technology ICP2840 Datasheet HTML 8Page - Microchip Technology ICP2840 Datasheet HTML 9Page - Microchip Technology ICP2840 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Figure 1-7. Pout vs. Pin @ 20V
26
28
30
32
34
36
38
40
6
8 10 12 14 16 18 20 22 24 26 28 30
Pin (dBm)
Freq (GHz)=27.5
Freq (GHz)=28
Freq (GHz)=28.5
Freq (GHz)=29
Freq (GHz)=29.5
Freq (GHz)=30
Freq (GHz)=30.5
Freq (GHz)=31
Figure 1-8. Gain vs. Pout @ 20V
6
8
10
12
14
16
18
20
22
24
26
25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
Pout (dBm)
Freq (GHz)=31
Freq (GHz)=30.5
Freq (GHz)=30
Freq (GHz)=29.5
Freq (GHz)=29
Freq (GHz)=28.5
Freq (GHz)=28
Freq (GHz)=27.5
Figure 1-9. PAE vs. Pout @ 20V
0
5
10
15
20
25
26
28
30
32
34
36
38
40
Pout (dBm)
Freq (GHz)=31
Freq (GHz)=30.5
Freq (GHz)=30
Freq (GHz)=29.5
Freq (GHz)=29
Freq (GHz)=28.5
Freq (GHz)=28
Freq (GHz)=27.5
Figure 1-10. Id vs. Pout @ 20V
0
200
400
600
800
1000
1200
1400
1600
1800
2000
26
28
30
32
34
36
38
40
Pout (dBm)
Freq (GHz)=31
Freq (GHz)=30.5
Freq (GHz)=30
Freq (GHz)=29.5
Freq (GHz)=29
Freq (GHz)=28.5
Freq (GHz)=28
Freq (GHz)=27.5
Figure 1-11. Pout vs. Pin @ 24V/100mA
26
28
30
32
34
36
38
40
6 8 10 12 14 16 18 20 22 24 26 28 30
Pin (dBm)
Freq (GHz)=31
Freq (GHz)=30.5
Freq (GHz)=30
Freq (GHz)=29.5
Freq (GHz)=29
Freq (GHz)=28.5
Freq (GHz)=28
Freq (GHz)=27.5
Figure 1-12. Gain vs. Pout @ 24V/100mA
8
10
12
14
16
18
20
22
24
26
26
28
30
32
34
36
38
40
Pout (dBm)
Freq (GHz)=31
Freq (GHz)=30.5
Freq (GHz)=30
Freq (GHz)=29.5
Freq (GHz)=29
Freq (GHz)=28.5
Freq (GHz)=28
Freq (GHz)=27.5
ICP2840
Electrical Specifications
© 2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS-00004072B-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com